Electronic Components Datasheet Search
  English  ▼

X  

MAX1202ACAP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1202ACAP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202ACAP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1202ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1202ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
µA
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin;
TA = TMIN to TMAX; unless otherwise noted.)
Operating mode
mA
1.5
2.5
Internal compensation mode
VDD = 5V ±5%; external reference, 4.096V;
full-scale input
mV
±0.06
±0.5
V
Fast power-down (Note 9)
30
70
External compensation mode
MAX1202
MAX1202
CONDITIONS
2.70
5.25
VL
Logic Supply Voltage
VL = VDD = 5V
µA
10
IVL
Logic Supply Current (Notes 6, 10)
PSR
Positive Supply Rejection
(Note 11)
VSS = -5V ±5%; external reference, 4.096V;
full-scale input
mV
±0.01
±0.5
PSR
Negative Supply Rejection
(Note 11)
External reference, 4.096V; full-scale input
mV
±0.06
±0.5
PSR
Logic Supply Rejection
(Note 12)
µA
µF
0
Capacitive Bypass at REF
V
0 or -5 ±5%
VSS
Negative Supply Voltage
V
5 ±5%
VDD
Positive Supply Voltage
4.7
1.68
±50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX1203
V/V
1.64
Reference-Buffer Gain
MAX1203
µA
±5
REFADJ Input Current
Full power-down
10
Operating mode and fast power-down
µA
50
ISS
Negative Supply Current
Full power-down (Note 9)
µA
IDD
210
Positive Supply Current
EXTERNAL REFERENCE AT REFADJ
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com