Electronic Components Datasheet Search
  English  ▼

X  

MAX1204ACAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1204ACAP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204ACAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1204ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
______________________________________________________________________________________
13
Figure 8. External Clock-Mode SSTRB Detailed Timing
• • •
• • •
• • •
• • •
tSDV
tSSTRB
PD0 CLOCKED IN
tSTR
SSTRB
SCLK
CS
tSSTRB
• • •
• • •
Figure 7. Detailed Serial-Interface Timing
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
Figure 6. 24-Bit External-Clock-Mode Conversion Timing (Microwire/SPI Compatible)
SSTRB
SCLK
DIN
DOUT
14
8
12
16
20
24
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1 PD0
B9
MSB
B8
B7
B6
B5
B4
B3
B2
B1
B0
LSB
S1
S0
1.5µs
(SCLK = 2MHz)
IDLE
FILLED WITH
ZEROS
IDLE
CONVERSION
tACQ
ADC STATE
CS
RB1
RB2
RB3
ACQUISITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com