Electronic Components Datasheet Search
  English  ▼

X  

MAX1204ACAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1204ACAP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204ACAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1204ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1204ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
VL ...............................................................-0.3V to (VDD + 0.3V)
VSS to GND...............................................................+0.3V to -6V
VDD to VSS ..............................................................-0.3V to +12V
CH0–CH7 to GND ............................(VSS - 0.3V) to (VDD + 0.3V)
CH0–CH7 Total Input Current...........................................±20mA
REF to GND ................................................-0.3V to (VDD + 0.3V)
REFADJ to GND .........................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND .................................-0.3V to (VDD + 0.3V)
Digital Outputs to GND .................................-0.3V to (VL + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ...........889mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
CERDIP (derate 11.11mW°C above +70°C) .................889mW
Operating Temperature Ranges
MAX1204_C_P .....................................................0°C to +70°C
MAX1204_E_P ..................................................-40°C to +85°C
MAX1204BMJP ...............................................-55°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); 4.7µF capacitor at REF; TA = TMIN to TMAX; unless otherwise noted.)
MAX1204A
VIN = 4.096Vp-p, 65kHz (Note 4)
External reference, 4.096V
MAX1204B
No missing codes over temperature
MAX1204A
MAX1204B
CONDITIONS
dB
-75
Channel-to-Channel Crosstalk
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
(up to the 5th harmonic)
dB
66
SINAD
Signal-to-Noise + Distortion Ratio
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
10
Resolution
LSB
±0.1
Channel-to-Channel
Offset Matching
ppm/°C
±0.8
Gain Temperature Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±1.0
Offset Error
±2.0
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
-3dB rolloff
MHz
4.5
Small-Signal Bandwidth
kHz
800
Full-Power Bandwidth
LSB
±1.0
Gain Error (Note 3)
±2.0
MAX1204A
MAX1204B
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 4.096Vp-p, 133ksps, 2.0MHz external clock, bipolar input mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com