Electronic Components Datasheet Search
  English  ▼

X  

IRGS4610DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGS4610DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4610DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRGS4610DPBF Datasheet HTML 1Page - International Rectifier IRGS4610DPBF Datasheet HTML 2Page - International Rectifier IRGS4610DPBF Datasheet HTML 3Page - International Rectifier IRGS4610DPBF Datasheet HTML 4Page - International Rectifier IRGS4610DPBF Datasheet HTML 5Page - International Rectifier IRGS4610DPBF Datasheet HTML 6Page - International Rectifier IRGS4610DPBF Datasheet HTML 7Page - International Rectifier IRGS4610DPBF Datasheet HTML 8Page - International Rectifier IRGS4610DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IRGR/S/B4610DPbF
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Qg
Total Gate Charge (turn-on)
—
13
—
IC = 6.0A
Qge
Gate-to-Emitter Charge (turn-on)
—
3.0
—
nC
VCC = 400V
Qgc
Gate-to-Collector Charge (turn-on)
—
6.4
—
VGE = 15V
Eon
Turn-On Switching Loss
—
56
—
IC = 6.0A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
122
—
μJRG = 47Ω, L=1mH, LS= 150nH, TJ = 25°C
Etotal
Total Switching Loss
—
178
—
Energy losses include tail and diode reverse recovery
td(on)
Turn-On delay time
—
27
—
IC = 6.0A, VCC = 400V
tr
Rise time
—
11
—ns
RG = 47Ω, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
75
—TJ = 25°C g
tf
Fall time
—
17
—
Eon
Turn-On Switching Loss
—
140
—
IC = 6.0A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
189
—
μJ
RG = 47Ω, L=1mH, LS= 150nH, TJ = 175°C
Etotal
Total Switching Loss
—
329
—
Energy losses include tail and diode reverse recovery
td(on)
Turn-On delay time
—
26
—
IC = 6.0A, VCC = 400V
tr
Rise time
—
12
—ns
RG = 47Ω, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
95
—TJ = 175°C g
tf
Fall time
—
32
—
Cies
Input Capacitance
—
350
—
VGE = 0V
Coes
Output Capacitance
—
29
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
10
—
f = 1Mhz
TJ = 175°C, IC = 24A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 500V, Vp =600V
RG = 100Ω, VGE = +20V to 0V
VCC = 400V, Vp =600V
RG = 100Ω, VGE = +15V to 0V
Erec
Reverse recovery energy of the diode
—
178
—
μJ
TJ = 175
oC
trr
Diode Reverse recovery time
—
74
—
ns
VCC = 400V, IF = 6.0A
Irr
Peak Reverse Recovery Current
—
12
—
A
VGE = 15V, Rg = 47Ω, L=1mH, LS=150nH
μs
pF
Conditions
—
SCSOA
Short Circuit Safe Operating Area
—
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com