Electronic Components Datasheet Search
  English  ▼

X  

IRGS4610DPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRGS4610DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4610DPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRGS4610DPBF Datasheet HTML 6Page - International Rectifier IRGS4610DPBF Datasheet HTML 7Page - International Rectifier IRGS4610DPBF Datasheet HTML 8Page - International Rectifier IRGS4610DPBF Datasheet HTML 9Page - International Rectifier IRGS4610DPBF Datasheet HTML 10Page - International Rectifier IRGS4610DPBF Datasheet HTML 11Page - International Rectifier IRGS4610DPBF Datasheet HTML 12Page - International Rectifier IRGS4610DPBF Datasheet HTML 13Page - International Rectifier IRGS4610DPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IRGR/S/B4610DPbF
10
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
WF.3- Typ. Diode Recovery Waveform
@ TJ = 175°C using CT.4
WF.4- Typ. Short Circuit Waveform
@ TJ = 25°C using CT.3
0
50
100
150
200
250
300
350
400
450
500
-2 -1 0 1 2 345 67 8
Time (uS)
-20
-10
0
10
20
30
40
50
60
70
80
VCE
ICE
-600
-500
-400
-300
-200
-100
0
100
-0.05
0.05
0.15
0.25
time (μS)
-20
-15
-10
-5
0
5
10
15
Peak
I
RR
tRR
QRR
10%
Peak
IRR
-100
0
100
200
300
400
500
600
-0.2
0
0.2
0.4
0.6
0.8
1
time(μs)
-2
0
2
4
6
8
10
12
90% I
CE
5% V
CE
5% I
CE
Eoff Loss
tf
-100
0
100
200
300
400
500
600
4.3
4.5
4.7
time (μs)
-5
0
5
10
15
20
25
30
TEST
CURRENT
90% test
current
5% V
CE
10% test
current
tr
Eon Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com