Electronic Components Datasheet Search
  English  ▼

X  

MAX1237MEUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1237MEUA
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237MEUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1237MEUA Datasheet HTML 4Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 5Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 6Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 7Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 8Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 9Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 10Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 11Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
8
_______________________________________________________________________________________
Pin Description
PIN
MAX1236
MAX1237
MAX1238
MAX1239
NAME
DESCRIPTION
1, 2, 3
1, 2, 3
AIN0–AIN2
—
4–8
AIN3–AIN7
—
16, 15, 14
AIN8–AIN10
Analog Inputs
4
—
AIN3/REF
Analog Input 3/Reference Input or Output. Selected in the setup
register (see Tables 1 and 6).
—
13
AIN11/REF
Analog Input 11/Reference Input or Output. Selected in the setup
register (see Tables 1 and 6).
5
9
SCL
Clock Input
6
10
SDA
Data Input/Output
7
11
GND
Ground
812
VDD
Positive Supply. Bypass to GND with a 0.1µF capacitor.
tHD.STA
tSU.DAT
tHIGH
tR
tF
tHD.DAT
tHD.STA
S
Sr
A
SCL
SDA
tSU.STA
tLOW
tBUF
tSU.STO
PS
tHD.STA
tSU.DAT
tHIGH
tFCL
tHD.DAT
tHD.STA
S
Sr
A
SCL
SDA
tSU.STA
tLOW
tBUF
tSU.STO
S
tRCL
tRCL1
HS-MODE
F/S-MODE
A. F/S-MODE 2-WIRE SERIAL INTERFACE TIMING
B. HS-MODE 2-WIRE SERIAL INTERFACE TIMING
tFDA
tRDA
t
tR
tF
P
Figure 1. 2-Wire Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com