Electronic Components Datasheet Search
  English  ▼

X  

MAX1237MEUA Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1237MEUA
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237MEUA Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1237MEUA Datasheet HTML 14Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 15Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 16Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 17Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 18Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 19Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 20Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 21Page - Maxim Integrated Products MAX1237MEUA Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Automatic shutdown results in dramatic power savings,
particularly at slow conversion rates and with internal
clock. For example, at a conversion rate of 10ksps, the
average supply current for the MAX1237 is 60µA (typ) and
drops to 6µA (typ) at 1ksps. At 0.1ksps the average sup-
ply current is just 1µA, or a minuscule 3µW of power con-
sumption, see Average Supply Current vs. Conversion
Rate in the Typical Operating Characteristics section).
Reference Voltage
SEL[2:0] of the setup byte (Table 1) control the reference
and the AIN_/REF configuration (Table 6). When
AIN_/REF is configured to be a reference input or refer-
ence output (SEL1 = 1), differential conversions on
AIN_/REF appear as if AIN_/REF is connected to GND
(see Note 2 and Table 4). Single-ended conversion in
scan mode AIN_/REF is ignored by the internal limiter,
which sets the highest available channel at AIN2 or
AIN10.
Internal Reference
The internal reference is 4.096V for the MAX1236/
MAX1238 and 2.048V for the MAX1237/MAX1239. SEL1 of
the setup byte controls whether AIN_/REF is used for an
analog input or a reference (Table 6). When AIN_/REF is
configured to be an internal reference output (SEL[2:1] =
11), decouple AIN_/REF to GND with a 0.1µF capacitor.
Once powered up, the reference always remains on until
reconfigured. The reference should not be used to supply
current for external circuitry.
External Reference
The external reference can range from 1V to VDD. For
maximum conversion accuracy, the reference must be
able to deliver up to 40µA and have an output imped-
ance of 500k
Ω or less. If the reference has a higher out-
put impedance or is noisy, bypass it to GND as close to
AIN_/REF as possible with a 0.1µF capacitor.
Transfer Functions
Output data coding for the MAX1236–MAX1239 is bina-
ry in unipolar mode and two’s complement in bipolar
mode with 1 LSB = (VREF / 2N) where “N” is the number
of bits (12). Code transitions occur halfway between
successive-integer LSB values. Figures 12 and 13
show the input/output (I/O) transfer functions for unipo-
lar and bipolar operations, respectively.
Layout, Grounding, and Bypassing
Only use PC boards. Wire-wrap configurations are not
recommended since the layout should ensure proper
separation of analog and digital traces. Do not run ana-
log and digital lines parallel to each other, and do not
layout digital signal paths underneath the ADC pack-
age. Use separate analog and digital PC board ground
sections with only one star point (Figure 14) connecting
the two ground systems (analog and digital). For lowest
noise operation, ensure the ground return to the star
ground’s power supply is low impedance and as short
as possible. Route digital signals far away from sensi-
tive analog and reference inputs.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
18
______________________________________________________________________________________
SEL2
SEL1
SEL0
REFERENCE VOLTAGE
AIN_/REF
INTERNAL REFERENCE
STATE
00
X
VDD
Analog Input
Always Off
0
1
X
External Reference
Reference Input
Always Off
1
0
0
Internal Reference
Analog Input
Always Off
1
0
1
Internal Reference
Analog Input
Always On
1
1
0
Internal Reference
Reference Output
Always Off
1
1
1
Internal Reference
Reference Output
Always On
Table 6. Reference Voltage and AIN_/REF Format
111...111
OUTPUT CODE
FS = REF + GND
ZS = GND
FULL-SCALE
TRANSITION
111...110
100...010
100...001
100...000
011...111
011...110
011...101
000...001
000...000
0
1
2048
INPUT VOLTAGE (LSB)
GND
FS -
1
LSB
2
1 LSB =
VREF
4096
Figure 12. Unipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com