Electronic Components Datasheet Search
  English  ▼

X  

MAX1246BEEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1246BEEE
Description  2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1246BEEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1246BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 22Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 23Page - Maxim Integrated Products MAX1246BEEE Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
+2.7V, Low-Power, 4-Channel,
Serial 12-Bit ADCs in QSOP-16
______________________________________________________________________________________
21
XF
CLKX
CLKR
DX
DR
FSR
CS
SCLK
DIN
DOUT
SSTRB
TMS320LC3x
MAX1246
MAX1247
Figure 20. MAX1246/MAX1247-to-TMS320 Serial Interface
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MAX1246
MAX1247
MC683XX
(POWER SUPPLIES)
SCK
PCS0
MOSI
MISO
1
µF
0.1
µF
0.1
µF
(GND)
ANALOG
INPUTS
+3V
+3V
VDD
CH0
CH1
CH2
CH3
COM
SHDN
VREF
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ
+2.5V
Figure 19. MAX1246/MAX1247 QSPI Connections, External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com