Electronic Components Datasheet Search
  English  ▼

X  

MAX1270AEAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1270AEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270AEAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1270AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5.0V ±5%; unipolar/bipolar range; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock; fCLK = 2.0MHz,
50% duty cycle (MAX127_B); fCLK = 1.8MHz, 50% duty cycle (MAX127_A); 18 clock/conversion cycle, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
MAX127_A, fCLK = 1.8MHz
3.3
Track/Hold Acquisition Time
tACQ
MAX127_B, fCLK = 2.0MHz
3.0
µs
±10V or ±VREF
range
5
±5V or ±VREF/2
range
2.5
0 to 10V or 0 to
VREF range
2.5
Small-Signal Bandwidth
-3dB rolloff
0 to 5V or 0 to
VREF/2 range
1.25
MHz
RNG = 1
0
10
MAX1270
RNG = 0
0
5
RNG = 1
0
VREF
Unipolar (BIP =
0), Table 3
MAX1271
RNG = 0
0
VREF/2
RNG = 1
-10
+10
MAX1270
RNG = 0
-5
+5
RNG = 1
-VREF
+VREF
Input Voltage Range
(Table 3)
VIN
Bipolar (BIP =
1), Table 3
MAX1271
RNG = 0
-VREF/2
+VREF/
2
V
0 to 10V
range
-10
+720
MAX1270
0 to 5V
range
-10
+360
Unipolar
MAX1271
-10
0.1
+10
±10V
range
-1200
+720
MAX1270
±5V range
-600
+360
±VREF
range
-1200
+10
Input Current
IIN
Bipolar
MAX1271
±VREF/2
range
-600
+10
µA
Unipolar
21
Dynamic Resistance
∆VIN/∆IIN
Bipolar
16
k
Ω
Input Capacitance
(Note 4)
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com