Electronic Components Datasheet Search
  English  ▼

X  

MAX1270AEAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1270AEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270AEAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1270AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1270AEAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
7
Typical Operating Characteristics
(Typical Operating Circuit, VDD = +5V; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock, fCLK = 2MHz;
110ksps; TA = +25°C, unless otherwise noted.)
0
5
15
10
20
25
02
1
34567
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.7
6.1
5.9
6.3
6.5
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
50
150
450
350
250
650
550
750
-40
10
-15
35
60
85
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
INTERNAL
REFERENCE
EXTERNAL
REFERENCE
50
70
110
90
130
150
-40
10
-15
35
60
85
FULL POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
INTERNAL
REFERENCE
EXTERNAL
REFERENCE
0.1
0.2
0.6
0.5
0.4
0.3
0.7
0.8
-40
10
-15
35
60
85
CHANNEL-TO-CHANNEL GAIN-ERROR
MATCHING vs. TEMPERATURE
TEMPERATURE (°C)
BIPOLAR MODE
UNIPOLAR MODE
0.996
0.997
0.999
0.998
1.000
1.001
-40
10
-15
35
60
85
NORMALIZED REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
0.05
0.25
0.20
0.15
0.10
0.30
0.35
-40
10
-15
35
60
85
CHANNEL-TO-CHANNEL OFFSET-ERROR
MATCHING vs. TEMPERATURE
TEMPERATURE (°C)
BIPOLAR MODE
UNIPOLAR MODE
-0.15
-0.10
0.05
0
-0.05
0.10
0.15
0
1638
819
2457
3276
4095
INTEGRAL NONLINEARITY vs.
DIGITAL CODE
DIGITAL CODE
-120
-100
-40
-60
-80
-20
0
0
20k
10k
30k
40k
50k
FTT PLOT
FREQUENCY (Hz)
fIN = 10kHz
fSAMPLE = 110ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com