Electronic Components Datasheet Search
  English  ▼

X  

MAX1271AEAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1271AEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271AEAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1271AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
10
______________________________________________________________________________________
Input Bandwidth
The ADC’s input small-signal bandwidth depends on the
selected input range and varies from 1.5MHz to 5MHz
(see Electrical Characteristics). The MAX1270B/
MAX1271B maximum sampling rate is 110ksps (100ksps
for the MAX1270A/MAX1271A). By using undersampling
techniques, it is possible to digitize high-speed transient
events and measure periodic signals with bandwidths
exceeding the ADC’s sampling rate.
To avoid high-frequency signals being aliased into the
frequency band of interest, anti-aliasing filtering is rec-
ommended.
Input Range and Protection
The MAX1270/MAX1271 have software-selectable input
ranges. Each analog input channel can be indepen-
dently programmed to one of four ranges by setting the
appropriate control bits (RNG, BIP) in the control byte
(Table 1). The MAX1270 has selectable input ranges
extending to ±10V (±VREF x 2.441), while the MAX1271
has selectable input ranges extending to ±VREF. Figure
4 shows the equivalent input circuit.
A resistor network on each analog input provides
±16.5V fault protection for all channels. Whether or not
the channel is on, this circuit limits the current going
into or out of the pin to less than 2mA. This provides an
added layer of protection when momentary overvolt-
ages occur at the selected input channel, when a neg-
ative signal is applied to the input, and when the device
is configured for unipolar mode. The overvoltage pro-
tection is active even if the device is in power-down
mode or if VDD = 0.
Digital Interface
The MAX1270/MAX1271 feature a serial interface that is
fully compatible with SPI/QSPI and MICROWIRE devices.
For SPI/QSPI, set CPOL = 0, CPHA = 0 in the SPI control
registers of the microcontroller. Figure 5 shows detailed
serial-interface timing information. See Table 1 for details
on programming the input control byte.
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
CS
SCLK
DIN
DOUT
Figure 5. Detailed Serial-Interface Timing
R3
5.12k
Ω
R2
R1
CH_
S1
S2
S3
S4
BIPOLAR
UNIPOLAR
VOLTAGE
REFERENCE
T/H
OUT
HOLD
TRACK
TRACK
HOLD
OFF
ON
CHOLD
S1 = BIPOLAR/UNIPOLAR SWITCH
S2 = INPUT MUX SWITCH
S3, S4 = T/H SWITCH
R1 = 12.5k
Ω (MAX1270)
or 5.12k
Ω (MAX1271)
R2 = 8.67k
Ω (MAX1270)
or
∞ (MAX1271)
Figure 4. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com