Electronic Components Datasheet Search
  English  ▼

X  

MAX1271AEAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1271AEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271AEAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1271AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5.0V ±5%; unipolar/bipolar range; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock; fCLK = 2.0MHz,
50% duty cycle (MAX127_B); fCLK = 1.8MHz, 50% duty cycle (MAX127_A); 18 clock/conversion cycle, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX127_A
6.6
External clock mode
(Note 8)
MAX127_B
6.0
Conversion Time
tCONV
Internal clock mode, Figure 9
6
7.7
11
µs
MAX127_A
100
External clock mode
MAX127_B
110
Throughput Rate
Internal clock mode
43
ksps
Bandgap Reference Startup Time
Power-up (Note 9)
200
µs
CREF = 4.7µF
8
Reference Buffer Settling Time
To 0.1mV, REF bypass
capacitor fully
discharged
CREF = 33µF
60
ms
DIGITAL INPUTS (DIN, SCLK, CS, and SHDN)
Input High Threshold Voltage
VIH
2.4
V
Input Low Threshold Voltage
VIL
0.8
V
Input Hysteresis
VHYS
0.2
V
Input Leakage Current
IIN
VIN = 0 to VDD
-10
+10
µA
Input Capacitance
CIN
(Note 4)
15
pF
DIGITAL OUTPUTS (DOUT, SSTRB)
ISINK = 5mA
0.4
Output Voltage Low
VOL
ISINK = 16mA
0.4
V
Output Voltage High
VOH
ISOURCE = 0.5mA
VDD -
0.5
V
Tri-State Leakage Current
IL
CS = VDD
-10
+10
µA
Tri-State Output Capacitance
COUT
CS = VDD (Note 4)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com