Electronic Components Datasheet Search
  English  ▼

X  

BAT754 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAT754
Description  Schottky barrier diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT754 Datasheet(HTML) 1 Page - NXP Semiconductors

  BAT754_15 Datasheet HTML 1Page - NXP Semiconductors BAT754_15 Datasheet HTML 2Page - NXP Semiconductors BAT754_15 Datasheet HTML 3Page - NXP Semiconductors BAT754_15 Datasheet HTML 4Page - NXP Semiconductors BAT754_15 Datasheet HTML 5Page - NXP Semiconductors BAT754_15 Datasheet HTML 6Page - NXP Semiconductors BAT754_15 Datasheet HTML 7Page - NXP Semiconductors BAT754_15 Datasheet HTML 8Page - NXP Semiconductors BAT754_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar Schottky barrier diodes with an integrated guard ring for stress protection,
encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
Low forward voltage
Low capacitance
AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
2.
Pinning information
BAT754 series
Schottky barrier diodes
Rev. 3 — 9 October 2012
Product data sheet
Ultra high-speed switching
Voltage clamping
Line termination
Reverse polarity protection
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF =100 mA
[1] -
600
-
mV
IR
reverse current
VR =25V
[1] --
2
A
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BAT754
1
anode
2
not connected
3
cathode
12
3
006aaa436
1
3
2
n.c.


Similar Part No. - BAT754_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAT754-Q NEXPERIA-BAT754-Q Datasheet
193Kb / 8P
Schottky barrier diode
21 November 2024
logo
NXP Semiconductors
BAT754A PHILIPS-BAT754A Datasheet
47Kb / 8P
Schottky barrier double diodes
1999 Aug 05
logo
Guangdong Kexin Industr...
BAT754A KEXIN-BAT754A Datasheet
37Kb / 1P
Schottky barrier (double) diodes
logo
NXP Semiconductors
BAT754A NXP-BAT754A Datasheet
204Kb / 7P
Schottky barrier (double) diodes
2003 Mar 25
logo
Nexperia B.V. All right...
BAT754A NEXPERIA-BAT754A Datasheet
2Mb / 10P
Schottky barrier diodes
Rev. 3 - 9 October 2012
More results

Similar Description - BAT754_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com