Electronic Components Datasheet Search
  English  ▼

X  

BAT754 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT754
Description  Schottky barrier diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT754 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT754_15 Datasheet HTML 1Page - NXP Semiconductors BAT754_15 Datasheet HTML 2Page - NXP Semiconductors BAT754_15 Datasheet HTML 3Page - NXP Semiconductors BAT754_15 Datasheet HTML 4Page - NXP Semiconductors BAT754_15 Datasheet HTML 5Page - NXP Semiconductors BAT754_15 Datasheet HTML 6Page - NXP Semiconductors BAT754_15 Datasheet HTML 7Page - NXP Semiconductors BAT754_15 Datasheet HTML 8Page - NXP Semiconductors BAT754_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BAT754_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 9 October 2012
2 of 10
NXP Semiconductors
BAT754 series
Schottky barrier diodes
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code.
BAT754A
1
cathode (diode 1)
2
cathode (diode 2)
3
common anode
BAT754C
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAT754S
1
anode (diode 1)
2
cathode (diode 2)
3
cathode (diode 1),
anode (diode 2)
Table 2.
Pinning …continued
Pin
Description
Simplified outline
Graphic symbol
12
3
006aaa439
12
3
12
3
006aac984
12
3
12
3
006aaa437
12
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAT754 series
-
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
BAT754
2K*
BAT754A
2L*
BAT754C
2M*
BAT754S
2N*



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com