Electronic Components Datasheet Search
  English  ▼

X  

BAV170 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV170
Description  Low-leakage double diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV170 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV170_15 Datasheet HTML 1Page - NXP Semiconductors BAV170_15 Datasheet HTML 2Page - NXP Semiconductors BAV170_15 Datasheet HTML 3Page - NXP Semiconductors BAV170_15 Datasheet HTML 4Page - NXP Semiconductors BAV170_15 Datasheet HTML 5Page - NXP Semiconductors BAV170_15 Datasheet HTML 6Page - NXP Semiconductors BAV170_15 Datasheet HTML 7Page - NXP Semiconductors BAV170_15 Datasheet HTML 8Page - NXP Semiconductors BAV170_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2003 Mar 25
3
NXP Semiconductors
Product data sheet
Low-leakage double diode
BAV170
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on a FR4 printed-circuit board.
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
single diode loaded; note 1;
see Fig.2
−
215
mA
double diode loaded; note 1;
see Fig.2
−
125
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to
surge; see Fig.4
tp = 1 µs
−
4
A
tp = 1 ms
−
1
A
tp = 1 s
−
0.5
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF = 1 mA
−
900
mV
IF = 10 mA
−
1000
mV
IF = 50 mA
−
1100
mV
IF = 150 mA
−
1250
mV
IR
reverse current
see Fig.5
VR = 75 V
0.003
5
nA
VR = 75 V; Tj = 150 °C
3
80
nA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
2
−
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
0.8
3
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com