Electronic Components Datasheet Search
  English  ▼

X  

SREM Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SREM
Description  For high density mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SREM Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SREM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SREM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SREM Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SREM Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SREM Series
(Low Impedence, 5.4mm)
RoHS
FEATURES
 Load Life : 105°C 1000 hours, 5.4mm height.
 For high density mounting
 Low impedance at 100kHz
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
(20°C)
I ≤0.01CV or 3 ( µA )
*Whichever is greater after 2 minutes
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Surge Voltage
(20°C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissi
pation Factor (tan δ)
(120Hz 20°C)
W.V.
6.3
10
16
25
35
50
tan
δ
0.22
0.19
0.16
0.14
0.12
0.12
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25°C / +20°C
2
2
2
2
2
2
-55°C / +20°C
5
4
4
3
3
3
Load Life
After 1000 hours application of W.V. and +105°C ripple current value, the capacitor shall meet the
following limits. (DC + ripple peak voltage
≤ rate working voltage)
Capacitance Change
≤ ±30% of initial value for 6.3 W.V., ≤ ±20% of initial value for 10~50 W.V.
Dissipation Factor
≤ 200% of initial specified value
Leakage Current
≤ initial specified value
Shelf Life
At +105°C, no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics. (With voltage treatment)
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing downward
will fulfill the following conditions after being cooled to room temperature.
Capacitance Change
≤ ±10% of initial value
Dissipation Factor
≤ initial specified value
Leakage current
≤ initial specified value
PART NUMBERING SYSTEM
SREM
50V
100
M
F
054
Meritek Series
Voltage
Capacitance
Capacitance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' d
enotes decimal point for values less than 10 μF
Tolerance
M=±20%
Case Diameter Code
Case Height (mm)
The third digit denotes the first decimal place
For example, 054 = 5.4mm
Case Diameter Code
Φ D
D
Φ 4.0
E
Φ 5.0
F
Φ 6.3


Similar Part No. - SREM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SRE MERITEK-SRE Datasheet
139Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
Ningbo songle relay co....
SRE SONGLERELAY-SRE Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Winchester Electronics ...
SRE WINCHESTER-SRE Datasheet
4Mb / 93P
Rack & Panel
logo
Ningbo songle relay co....
SRE SONGLERELAY-SRE Datasheet
85Kb / 2P
Small size and low cost
logo
REMA Lipprandt GmbH & C...
SRE 160 REMA-SRE 160 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results

Similar Description - SREM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Omron Electronics LLC
B3FS-1005 OMRON-B3FS-1005 Datasheet
282Kb / 4P
Surface-mounting Switches Ideal for High-density Mounting
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
For high density mounting
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
Suitable for high-density PC Board mounting
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com