Electronic Components Datasheet Search
  English  ▼

X  

SREM Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # SREM
Description  For high density mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SREM Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SREM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SREM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SREM Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SREM Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SREM Series
(Low Impedence, 5.4mm)
RoHS
TAPING
D x L
W
±0.3
A
±0.2
B
±0.2
P0
±0.1
P1
±0.1
P2
±0.1
F
±0.1
ØD0
±0.1
t1
±0.1
E
±0.1
t2
±0.2
Ø4x5.4
12.0
4.7
4.7
4.0
8.0
2.0
5.5
1.5
0.4
1.75
5.7
Ø5x5.4
12.0
5.7
5.7
4.0
12.0
2.0
5.5
1.5
0.4
1.75
5.7
Ø6.3x5.4
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
5.7
Ø4x5.8
12.0
4.7
4.7
4.0
8.0
2.0
5.5
1.5
0.4
1.75
6.3
Ø5x5.8
12.0
5.7
5.7
4.0
12.0
2.0
5.5
1.5
0.4
1.75
6.4
Ø6.3x5.8
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
6.4
Ø6.3x7.7
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
8.2
Ø8x6.2
16.0
8.7
8.7
4.0
12.0
2.0
7.5
1.5
0.4
1.75
6.8
Ø8x10.2
24.0
8.7
8.7
4.0
16.0
2.0
11.5
1.5
0.4
1.75
11.0
Ø10x10.2
24.0
10.7
10.7
4.0
16.0
2.0
11.5
1.5
0.4
1.75
11.0
PACKAGE
D x L
A
±2.0
B
MIN
C
±0.5
D
±0.8
E
±0.5
W
±1.0
T
±1.0
t
±0.5
Ø4 Ø5
380
50
13
21
2.0
14.0
20.0
3.0
Ø6.3
380
50
13
21
2.0
18.0
24.0
3.0
Ø8x6.2
380
50
13
21
2.0
18.0
24.0
3.0
Ø8x10.2
380
50
13
21
2.0
26.0
32.0
3.0
Ø10x10.2
380
50
13
21
2.0
26.0
32.0
3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com