Electronic Components Datasheet Search
  English  ▼

X  

SRF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SRF
Description  Load Life : 105C 1000~2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SRF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SRF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SRF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SRF Series
(High R.C., Low E.S.R.)
RoHS
FEATURES
 High Ripple Current, Low E.S.R.
 Load Life : 105°C 1000~2000 hours
 For high density mounting
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
(20°C)
I ≤0.01CV or 3 ( µA )
*Whichever is greater after 2 minutes
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Surge Voltage
(20°C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissi
pation Factor (tan δ)
(120Hz 20°C)
Add 0.02 per 1000µF for more than 1000 µF
W.V.
6.3
10
16
25
35
50
tan
δ
Φ4~ Φ6.3
0.24
0.20
0.16
0.14
0.12
0.12
Φ8~ Φ10
0.28
0.24
0.20
0.16
0.14
0.14
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25°C / +20°C
3
2
2
2
2
2
-55°C / +20°C
5
4
4
3
3
3
Load Life
After hours (
ΦD ≤ 6.3mm 1000 hours, ΦD ≥ 8mm 2000 hours) application of W.V. and +105°C
ripple current value, the capacitor shall meet the following limits.
(DC + ripple peak voltage
≤ rate working voltage)
Capacitance Change
≤ ±25% of initial value
Dissipation Factor
≤ 200% of initial specified value
Leakage current
≤ initial specified value
Shelf Life
At +105°C, no voltage application after 1000 hours, the capacitor shall meet the limits for load
life characteristics. (With voltage treatment)
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
Capacitance Change
≤ ±10% of initial value
Dissipation Factor
≤ initial specified value
Leakage current
≤ initial specified value
PART NUMBERING SYSTEM
SRF
50V
221
M
J
102
Meritek Series
Voltage
Capacitance
Capacitance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' d
enotes decimal point for values less than 10 μF
Tolerance
M=±20%
Case Diameter Code
Case Height (mm)
The third digit denotes the first decimal place
For example, 102 = 10.2mm
Case Diameter Code
Φ D
D
Φ 4.0
E
Φ 5.0
F
Φ 6.3
H
Φ 8.0
J
Φ 10.0


Similar Part No. - SRF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SRF COPAL-SRF Datasheet
488Kb / 2P
Miniature Rotary Switches
logo
SIRENZA MICRODEVICES
SRF-1016 SIRENZA-SRF-1016 Datasheet
118Kb / 6P
65 - 300 MHz Silicon Germanium IF Receiver
logo
List of Unclassifed Man...
SRF-1016Z ETC1-SRF-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
SIRENZA MICRODEVICES
SRF-1016Z SIRENZA-SRF-1016Z Datasheet
118Kb / 6P
65 - 300 MHz Silicon Germanium IF Receiver
logo
Stanford Microdevices
SRF-2016 STANFORD-SRF-2016 Datasheet
127Kb / 7P
200 - 600 MHz Silicon Germanium IF Receiver
More results

Similar Description - SRF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63RX30220M12.5X20 RUBYCON-63RX30220M12.5X20 Datasheet
204Kb / 2P
Load Life : 130??1000節?000 hours.
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
SHL MERITEK-SHL Datasheet
737Kb / 4P
Load Life : 105C 1000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
Load Life : 85C 2000 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
Load life of 1000 ~ 2000 hours
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
JCN JBCAPACITORS-JCN Datasheet
266Kb / 2P
Load life of 1000 hours
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com