Electronic Components Datasheet Search
  English  ▼

X  

SRF Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SRF
Description  Load Life : 105C 1000~2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRF Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SRF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SRF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SRF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SRF Series
(High R.C., Low E.S.R.)
RoHS
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.8
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.8
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.8
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 6.3
7.7
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
10.3
12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(µF)
V
6.3
10
16
25
35
50
Code
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
4.7
4R7
4x5.8
1.45
90
4x5.8
2.55
64
10
100
4x5.8
1.45
90
5x5.8
0.70 170 6.3x5.8 0.52 215
15
150
4x5.8
1.45
90
5x5.8
0.70 170
5x5.8
0.70 170 6.3x5.8 0.52 215
22
220
4x5.8
1.45
90
5x5.8
0.70 170
5x5.8
0.70 170
5x5.8
0.70 170 6.3x5.8 0.52 215
27
270
4x5.8
1.45
90
5x5.8
0.70 170
5x5.8
0.76 150 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.44 243
33
330
5x5.8
0.70 170
5x5.8
0.70 170 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.44 243
47
470
5x5.8
0.70 170 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.44 243
56
560
5x5.8
0.70 170 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.30 300 8x10.2 0.22 400
68
680
6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.30 300 8x10.2 0.22 400
100
101
6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.30 300 8x10.2 0.15 600 8x10.2 0.22 400
150
151
6.3x5.8 0.39 250 6.3x5.8 0.39 250 6.3x7.7 0.30 300 8x10.2 0.15 600 8x10.2 0.15 600 10x10.2 0.13 585
220
221
6.3x5.8 0.39 250 6.3x7.7 0.30 300 6.3x7.7 0.30 300 8x10.2 0.15 600 8x10.2 0.15 600 10x10.2 0.13 585
330
331
6.3x7.7 0.30 300 8x10.2 0.15 600 8x10.2 0.15 600 8x10.2 0.15 600 10x10.2 0.08 850
470
471
8x10.2 0.15 600 8x10.2 0.15 600 8x10.2 0.15 600 10x10.2 0.08 850
680
681
8x10.2 0.15 600 10x10.2 0.08 850 10x10.2 0.08 850
1000
102
8x10.2 0.15 600 10x10.2 0.08 850
1500
152
10x10.2 0.08 850
Case size
: D x L
(mm)
Max Impedance
:
Ω
20°C 100kHz
Max ripple current
: mA(rms) 105°C 100kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com