Electronic Components Datasheet Search
  English  ▼

X  

WT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # WT
Description  High reliability withstanding 2000 hours load life at 125C.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

WT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  WT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 7a
WT Series
(125°C,High Temperature) MERITEK
Aluminum Electrolytic Capacitors
FEATURES
High reliability withstanding 2000 hours load life at 125°C.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +125
C
Rated Working Voltage
10 ~ 50VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.01CV or 2 (A)
I : Leakage Current (
A)
C : Rated Capacitance(
F)
*Whichever is greater after 2 minutes
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
10
16
25
35
50
S.V.
13
20
32
44
63
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
10
16
25
35
50
tan

0.20
0.16
0.14
0.12
0.10
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
10
16
25
35
50
-25
C / +20C
3
2
2
2
2
-40
C / +20C
8
6
4
4
4
Load Life
After 2000 hours application of W.V. and +125
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
25% of initial.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +125
C no voltage application after 1000 hours, the capacitor shall meet the limits for load life
characteristics.
( with voltage treatment )
PART NUMBER SYSTEM
DIMENSIONS (mm)
WT
25V
331 M TA 10x16
Vinyl sleeve
Al. case
d ±0.05
Meritek Series
Rated Voltage
Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
L+
a (max)
F ±0.5
15min
+
-
5min
Code
TA
TR
Blank
Tape & Ammo Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)
D
6.3
8
10
12.5
F
2.5
3.5
5.0
5.0
d
0.5
0.6
0.6
0.6
a
1.5
1.5
1.5
1.5


Similar Description - WT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
Load Life : 85C 2000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
Load Life : 105C 1000~2000 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
Load life of 1000 ~ 2000 hours
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com