Electronic Components Datasheet Search
  English  ▼

X  

WT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # WT
Description  High reliability withstanding 2000 hours load life at 125C.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

WT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  WT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION WT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 7a
WT Series
(125°C,High Temperature) MERITEK
Aluminum Electrolytic Capacitors
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 125
C
120Hz
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
10
16
25
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
22

6.3x11
70
33

6.3x11
75
8x11.5
110
47
6.3x11
80
6.3x11
90
8x11.5
130
100
6.3x11
120
8x11.5
170
8x11.5
230
220
8x11.5
230
10x12.5
330
10x12.5
460
330
10x12.5
360
10x12.5
400
10x16
620
470
10x12.5
430
10x16
530
10x20
820
1000
10x20
760
12.5x20
970
12.5x25
1170
Cap.
(uF)
V
35
50
Item
DxL
R.C.
DxL
R.C.
10
8x11.5
70
22
8x11.5
100
8x11.5
110
33
8x11.5
120
8x11.5
130
47
8x11.5
140
8x11.5
150
100
10x12.5
270
10x12.5
290
220
10x16
530
10x20
590
330
10x20
720
12.5x20
900
470
12.5x20
970
12.5x25
960
All blank voltage on sleeve marking is the same voltage as
“” point to.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com