Electronic Components Datasheet Search
  English  ▼

X  

MAX1459CAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1459CAP
Description  2-Wire, 4-20mA Smart Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1459CAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1459CAP Datasheet HTML 1Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 2Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 3Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 4Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 5Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 6Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 7Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 8Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2-Wire, 4–20mA
Smart Signal Conditioner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to VSS......................................-0.3V to +6V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
Short-Circuit Duration, FSOTC, OUT, BDRIVE ...........Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW
Operating Temperature Ranges
MAX1459CAP ......................................................0°C to +70°C
MAX1459AAP .................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Amplifier Gain Nonlinearity
0.01
%VDD
Input-Referred Offset Tempco
±0.5
µV/°C
Input Impedance
RIN
1
M
Ω
Output Step Response
2
ms
Common-Mode Rejection Ratio
CMRR
90
dB
Input-Referred Adjustable Offset
Range
±150
mV
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
2.0
2.5
mA
Input-Referred Adjustable Full-
Span Output (FSO) Range
+1 to +40
mV/V
Differential Signal Gain Range
+41 to +230
V/V
Minimum Differential Signal Gain
+36
+41
+44
V/V
Differential Signal Gain Tempco
±50
ppm/°C
Output Current Range
-0.45
0.45
(sink)
(source)
mA
Output Noise
500
µVRMS
CONDITIONS
(Note 5)
(Notes 2, 3)
63% of final value
Selectable in eight steps
TA = TMIN to TMAX
From VSS to VDD
At minimum gain (Note 4)
TA = TMIN to TMAX
VOUT = (VSS + 0.25V) to (VDD - 0.25V)
DC to 10Hz (gain = 41,
source impedance = 5k
Ω)
RNBIAS = 402k
Ω, VDD = 5.0V (Note 1)
Output Voltage Swing
VSS + 0.05
VDD - 0.05
V
No load
VSS + 0.25
VDD - 0.25
10k
Ω load
GENERAL CHARACTERISTICS
ANALOG INPUT (PGA)
ANALOG OUTPUT (PGA)
Bridge Current Range
IBDRIVE
0.1
0.5
2.0
mA
Bridge Voltage Swing
VBDRIVE
VSS + 1.3
VDD - 1.3
V
IBDRIVE = 2mA
Reference Input Voltage Range
(ISRC)
VISRC
VSS + 1.3
VDD - 1.3
V
CURRENT SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com