Electronic Components Datasheet Search
  English  ▼

X  

MAX1459CAP Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1459CAP
Description  2-Wire, 4-20mA Smart Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1459CAP Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1459CAP Datasheet HTML 16Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 17Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 18Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 19Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 20Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 21Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 22Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 23Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2) MAX1459 Reference Manual, which describes in
detail the architecture and functionality of the
MAX1459. This manual was developed for test engi-
neers familiar with data acquisition of sensor data
and provides sensor compensation algorithms and
test procedures.
3) MAX1459 Communication Software, which enables
programming of the MAX1459 from a computer (IBM
compatible), one module at a time.
4) Interface Adapter and Cable, which allow the con-
nection of the evaluation board to a PC parallel port.
MAX1459
Pilot Production System
Maxim understands that one of the biggest challenges
in pressure sensor design is the transition from proto-
type to production. To simplify this transition, Maxim
has developed the fully automated pilot production
system for volume applications.
The system consists of the Maxim 14XXDASBOARD
plus one or more 14XXMUXBOARD modules, a DVM,
an environmental chamber, and a pressure controller.
Only the 14XXDASBOARD and the 14XXMUXBOARD
modules are available through Maxim. The DVM, envi-
ronmental chamber, and pressure controller must be
acquired through other vendors.
The 14XXDASBOARD, in conjunction with the
14XXMUXBOARD modules, allow compensation of up to
112 units. IEEE-488 commands select the active DUT
and communicate with the MAX14XX application cir-
cuits. All system voltage measurements are multiplexed
for use with a single external DVM. Each DUT interfaces
to the 14XXMUXBOARD by means of a general-purpose
transition board, which provides digital interface signals
and low-noise analog inputs. The 14XXDASBOARD is
required to operate the 14XXMUXBOARD. All driver soft-
ware is incorporated into the 14XXDASBOARD firmware.
Sensor compensation procedure is implemented using
National Instruments’ LabView™ program.
2-Wire, 4–20mA
Smart Signal Conditioner
______________________________________________________________________________________
21
DIO
OUT
VDD
CS
MODULE 1
SCLK
VSS
VSS
VDD
VDD
VSS
TEST
OVEN
DIO
OUT
CS
MODULE 2
SCLK
DIO
VOUT
DIGITAL
MULTIPLEXER
+5V
CS[1:N]
CS1
BDRIVE
INP
INM
BDRIVE
INP
INM
BDRIVE
INP
INM
CS2
CSN
SCLK
DIO
OUT
CS
MODULE N
SCLK
DVM
Figure 15. Automated Test System Concept
LabView is a trademark of National Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com