Electronic Components Datasheet Search
  English  ▼

X  

MAX1480ACPI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1480ACPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ACPI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1480ACPI Datasheet HTML 12Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 13Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 14Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 15Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 16Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 17Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 18Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 19Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
16
______________________________________________________________________________________
MAX1480B/MAX1480C/MAX1490B:
Reduced EMI and Reflections
The MAX1480B/MAX1480C/MAX1490B are slew-rate-
limited, minimizing EMI and reducing reflections
caused by improperly terminated cables. Figure 11
shows both the driver output waveform of a
MAX1480A/MAX1490A transmitting a 150kHz signal
and the Fourier analysis of that waveform. High-fre-
quency harmonics with large amplitudes are evident.
Figure 12 shows the same information for the slew-rate-
limited MAX1480B/MAX1480C/MAX1490B transmitting
the same signal. The high-frequency harmonics have
much lower amplitudes, and therefore the potential for
EMI is significantly reduced.
Table 3. Transmitting
Table 4. Receiving
Table 5. Transmitting
Table 6. Receiving
1
X
INPUTS*
1
High-Z
OUTPUTS
0
High-Z
1
0
Figure 11. Driver Output Waveform and FFT Plot of
MAX1480A/MAX1490A Transmitting a 150kHz Signal
10dB/div
0Hz
5MHz
500kHz/div
Figure 12. Driver Output Waveform and FFT Plot of
MAX1480B/MAX1480C/MAX1490B Transmitting a 150kHz
Signal
10dB/div
0Hz
5MHz
500kHz/div
_____________________Function Tables
Half-Duplex Devices
(MAX1480A/MAX1480B/MAX1480C)
Full-Duplex Devices
(MAX1490A/MAX1490B)
DI
´
A
B
DE
´
0
0
1
1
≥ +0.2V
Open
INPUTS*
0
0
VA - VB
OUTPUT
(RO)
DE
´
≤ -0.2V
1
0
0
0
0
1
Z
Y
1
0
0
1
1
1
OUTPUT
(RO)
0
≤ -0.2V
≥ +0.2V
Open
INPUT
(VA - VB)
X = Don’t care
High-Z = High impedance
* For DE
´ and DI´ pin descriptions, see Detailed Block Diagram
and Typical Application Circuit (Figure 1 for MAX1480A/B/C,
Figure 2 for MAX1490A/B).
OUTPUTS
INPUT
*
(DI
´)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com