Electronic Components Datasheet Search
  English  ▼

X  

MAX1480ACPI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1480ACPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ACPI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1480ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 9Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 10Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
_______________________________________________________________________________________
7
_____________________________Typical Operating Characteristics (continued)
(VCC_ = 5V, FS = VCC_, TA = +25°C, unless otherwise noted.)
0
60
40
20
80
100
120
140
160
MAX1480A
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
VCC = 5.5V
VCC = 5.0V
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
RL = 54Ω
RL = ∞
VCC = 4.5V
DE´ = VCC
20
60
40
80
100
120
140
MAX1480B
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
VCC = 5.5V
VCC = 5.0V
VCC = 5.5V
VCC = 5.0V
RL = 54Ω
RL = ∞
DE´ = VCC
VCC = 4.5V
VCC = 4.5V
20
70
60
50
30
40
80
90
100
110
120
MAX1480C
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
VCC = 5.5V
VCC = 5.0V
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
RL = 54Ω
RL = ∞
VCC = 4.5V
DE´ = VCC
80
120
100
140
160
180
200
MAX1490A
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
VCC = 5.5V
VCC = 5.0V
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
RL = 54Ω
RL = ∞
VCC = 4.5V
50
100
90
80
60
70
110
120
130
140
150
MAX1490B
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
VCC = 5.5V
VCC = 5.0V
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
RL = 54Ω
RL = ∞
VCC = 4.5V
0.1
10
1
100
DRIVER DISABLE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
MAX1480A
MAX1480B
MAX1480C
RL = 54Ω
VDI´ = 0V MEASURED FROM
DE´ TO VALID OUTPUT
0.1
10
1
100
DRIVER ENABLE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
MAX1480A
MAX1480C
MAX1480B
RL = 54Ω
VDI´ = 0V MEASURED FROM
DE´ TO VALID OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com