Electronic Components Datasheet Search
  English  ▼

X  

MAX152CAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX152CAP
Description  3V, 8-Bit ADC with 1uA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152CAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX152CAP Datasheet HTML 1Page - Maxim Integrated Products MAX152CAP Datasheet HTML 2Page - Maxim Integrated Products MAX152CAP Datasheet HTML 3Page - Maxim Integrated Products MAX152CAP Datasheet HTML 4Page - Maxim Integrated Products MAX152CAP Datasheet HTML 5Page - Maxim Integrated Products MAX152CAP Datasheet HTML 6Page - Maxim Integrated Products MAX152CAP Datasheet HTML 7Page - Maxim Integrated Products MAX152CAP Datasheet HTML 8Page - Maxim Integrated Products MAX152CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+3V, 8-Bit ADC with 1µA Power-Down
_________________________________________________________________________________________________
5
1.6
0.4
-60
140
CONVERSION TIME
vs. AMBIENT TEMPERATURE
0.6
1.4
TEMPERATURE (°C)
60
1.0
0.8
-20
20
100
1.2
VDD = 3.3V
VDD = 3.6V
VDD = 3.0V
1400
800
2.8
4.0
CONVERSION TIME
vs. SUPPLY VOLTAGE
900
1300
SUPPLY VOLTAGE (V)
3.6
1100
1000
3.0
3.4
3.8
1200
3.2
8.0
4.0
1k
10k
100k
EFFECTIVE BITS vs.
INPUT FREQUENCY, WR-RD MODE
INPUT FREQUENCY (Hz)
1M
7.5
7.0
6.5
6.0
5.5
5.0
4.5
VDD = 3.0V
fSAMPLE = 400kHz
VIN = 2.98Vp-p
TA = TMIN to TMAX
0
-120
0
200
SIGNAL-TO-NOISE RATIO
FREQUENCY (kHz)
120
-80
40
80
160
-40
-20
-100
-60
fIN = 30.27 kHz
fSAMPLE = 400ksps
SNR = 48.2dB
6
1
2.8
3.0
3.4
3.8
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
2
5
SUPPLY VOLTAGE (V)
3.2
3.6
4
3
MILITARY
CS = RD = 0V
COMMERCIAL
+25°C
EXTENDED
5
0
120
160
240
320
ERROR
vs. POWER-UP TIME
1
4
tUP (ns)
200
280
3
2
VDD = 3.0V
VDD = 3.6V
__________________________________________Typical Operating Characteristics
(TA=+25°C, unless otherwise noted).
0.7
2.8
3.8
NORMALIZED TIMING
vs. SUPPLY VOLTAGE
0.8
1.1
SUPPLY VOLTAGE (V)
3.4
1.0
0.9
3.0
3.2
3.6
4.0
10,000
1
1
100k
AVERAGE POWER CONSUMPTION
vs. CONVERSION RATE USING PWRDN
10
1000
CONVERSIONS/SEC
1k
100
10
100
10k
1M
VDD = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com