Electronic Components Datasheet Search
  English  ▼

X  

MAX152CAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX152CAP
Description  3V, 8-Bit ADC with 1uA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152CAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX152CAP Datasheet HTML 2Page - Maxim Integrated Products MAX152CAP Datasheet HTML 3Page - Maxim Integrated Products MAX152CAP Datasheet HTML 4Page - Maxim Integrated Products MAX152CAP Datasheet HTML 5Page - Maxim Integrated Products MAX152CAP Datasheet HTML 6Page - Maxim Integrated Products MAX152CAP Datasheet HTML 7Page - Maxim Integrated Products MAX152CAP Datasheet HTML 8Page - Maxim Integrated Products MAX152CAP Datasheet HTML 9Page - Maxim Integrated Products MAX152CAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
+3V, 8-Bit ADC with 1µA Power-Down
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION
1
VIN
2
D0
Three-State Data Output (LSB)
3-5
D1-D3
Three-State Data Outputs
6
WR/RDY
7
MODE
8
RD
9
INT
10
GND
Ground
11
VREF-
12
VREF+
13
CS
14-16
D4-D6
Three-State Data Outputs
17
D7
Three-State Data Output (MSB)
18
PWRDN
19
VSS
20
VDD
Positive Supply, +3V.
Analog Input. Range is
VREF-
≤ VIN ≤ VREF+.
Write Control Input/Ready Status
Output*
Mode Selection Input is internally
pulled low with a 15µA current source.
MODE = 0 activates read mode
MODE = 1 activates write-read mode*
Read Input must be low to access
data.*
Interrupt Output goes low to indicate
end of conversion.*
Lower limit of reference span. Sets the
zero-code voltage. Range is
VSS ≤ VREF- < VREF+.
Upper limit to reference span. Sets the
full-scale input voltage. Range is
VREF- < VREF+
≤ VDD.
Chip-Select Input must be low for the
device recognize
WR or RD inputs.
Powerdown Input reduces supply
current when low.
Negative Supply. Unipolar: VSS = 0V,
Bipolar: VSS = -3V.
____________________Pin Description
_______________Detailed Description
Converter Operation
The MAX152 uses a half-flash conversion technique
(see
Functional Diagram) in which two 4-bit flash ADC
sections achieve an 8-bit result. Using 15 compara-
tors, the flash ADC compares the unknown input volt-
age to the reference ladder and provides the upper 4
data bits.
An internal digital-to-analog converter (DAC) uses the
4 most significant bits (MSBs) to generate the analog
result from the first flash conversion and a residue volt-
age that is the difference between the unknown input
and the DAC voltage. The residue is then compared
again with the flash comparators to obtain the lower 4
data bits (LSBs).
The MAX152 is characterized for operation between
+3.0V and +3.6V. Conversion times decrease as the
supply voltage increases. The supply current decreas-
es rapidly with decreasing supply voltage. (See
Typical Operating Characteristics.)
Power-Down Mode
In burst-mode or low sample-rate applications, the
MAX152 can be shut down between conversions,
reducing supply current to microamp levels (see
Typical Operating Characteristics). A logic low on the
PWRDN pin shuts the device down, reducing supply
current to typically 1µA when powered from a single 3V
supply.
A logic high on
PWRDN wakes up the
MAX152. A new conversion can be started within
900ns of the
PWRDN pin being driven high (this
includes both the power-up delay and the track/hold
acquisition time). If power-down mode is not required,
connect
PWRDN to VDD.
*See
Digital Inferface Section.
DATA
OUTPUTS
DATA
OUTPUTS
CL
3k
CL
A. HIGH-Z TO VOH
B. HIGH-Z TO VOL
3k
VDD
Figure 1. Load Circuits for Data-Access Time Test
DATA
OUTPUTS
10pF
3k
10pF
A. VOH TO HIGH-Z
B. VOL TO HIGH-Z
3k
VDD
DATA
OUTPUTS
Figure 2. Load Circuits for Data-Hold TIme Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com