Electronic Components Datasheet Search
  English  ▼

X  

MAX152C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX152C/D
Description  3V, 8-Bit ADC with 1uA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX152C/D Datasheet HTML 4Page - Maxim Integrated Products MAX152C/D Datasheet HTML 5Page - Maxim Integrated Products MAX152C/D Datasheet HTML 6Page - Maxim Integrated Products MAX152C/D Datasheet HTML 7Page - Maxim Integrated Products MAX152C/D Datasheet HTML 8Page - Maxim Integrated Products MAX152C/D Datasheet HTML 9Page - Maxim Integrated Products MAX152C/D Datasheet HTML 10Page - Maxim Integrated Products MAX152C/D Datasheet HTML 11Page - Maxim Integrated Products MAX152C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
____________Analog Considerations
Reference
Figures 7a-7c show some reference connections.
VREF+ and VREF- inputs set the full-scale and zero-
input voltages of the ADC. The voltage at VREF-
defines the input that produces an output code of all
zeros, and the voltage at VREF+ defines the input that
produces an output code of all ones.
The internal resistance from VREF+ to VREF- may be as
low as 1k
Ω, and current will flow through it even when
the MAX152 is shut down. Figure 7d shows how an N-
channel MOSFET may be connected to VREF- to break
this path during power-down. The FET should have an
on resistance < 2
Ω with a 3V gate drive.
Although VREF+ is frequently connected to VDD, this
circuit uses a low current, low-dropout, 2.5V voltage
reference – the MAX872. Since the MAX872 cannot
continuously furnish enough current for the reference
resistance, this circuit is intended for applications where
the MAX152 is normally in standby and is turned on in
order to make measurements at intervals greater than
20µs. The capacitor C1 connected to VREF+ is slowly
charged by the MAX872 during the standby period and
furnishes the reference current during the short measure-
ment period.
The 2.2µF value of C1 is chosen so that its voltage drops
by less than 1/2LSB during the conversion process.
Larger capacitors reduce the error still further. Use
ceramic or tantalum capacitors for C1.
When VREF- is switched, as in Figure 7d, a new conver-
sion can be initiated after waiting a time equal to the
power-up delay (tUP) plus the turn-on time of the N-chan-
nel FET.
Bypassing
A 4.7µF electrolytic in parallel with a 0.1µF ceramic
capacitor should be used to bypass VDD to GND.
These capacitors should have minimal lead length.
The reference inputs should be bypassed with 0.1µF
capacitors, as shown in Figures 7a-7c.
Input Current
Figure 8 shows the equivalent circuit of the converter
input. When the conversion starts and
WR is low, VIN is
connected to sixteen 0.6pF capacitors. During this acqui-
sition phase, the input capacitors charge to the input volt-
age through the resistance of the internal analog switches.
In addition, about 12pF of stray capacitance must be
charged. The input can be modeled as an equivalent RC
network (Figure 9). As source impedance increases, the
capacitors take longer to charge.
The typical 22pF input capacitance allows source resis-
tance as high as 2.2k
Ω without setup problems. For larg-
er resistances, the acquisition time (tP) must be increased.
+3V, 8-Bit ADC with 1µA Power-Down
_______________________________________________________________________________________
9
RON
RIN
VIN
1
C
VIN
MAX152
Figure 8. Equivalent Input Circuit
4k
R
VIN
1
12pF
VIN
MAX152
10pF
Figure 9. RC Network Equivalent Input Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com