Electronic Components Datasheet Search
  English  ▼

X  

MAX152C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX152C/D
Description  3V, 8-Bit ADC with 1uA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX152C/D Datasheet HTML 4Page - Maxim Integrated Products MAX152C/D Datasheet HTML 5Page - Maxim Integrated Products MAX152C/D Datasheet HTML 6Page - Maxim Integrated Products MAX152C/D Datasheet HTML 7Page - Maxim Integrated Products MAX152C/D Datasheet HTML 8Page - Maxim Integrated Products MAX152C/D Datasheet HTML 9Page - Maxim Integrated Products MAX152C/D Datasheet HTML 10Page - Maxim Integrated Products MAX152C/D Datasheet HTML 11Page - Maxim Integrated Products MAX152C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Conversion Rate
The maximum sampling rate (fmax) for the MAX152 is
achieved in the WR-RD mode (tRD < tINTL) and is cal-
culated as follows:
Signal-to-Noise Ratio and Effective
Number of Bits
Signal-to-noise plus distortion ratio (SINAD) is the ratio
of the fundamental input frequency's RMS amplitude to
the RMS amplitude of all other ADC output signals. The
output band is limited to frequencies above DC and
below one-half the ADC sample rate.
The theoretical minimum A/D noise is caused by quan-
tization error, and results directly from the ADC's reso-
lution: SNR = (6.02N + 1.76)dB, where N is the number
of bits of resolution. Therefore, a perfect 8-bit ADC can
do no better than 50dB.
The FFT plot (
Typical Operation Characteristics) shows
the result of sampling a pure 30.27kHz sinusoid at a
400kHz rate. This FFT plot of the output shows the out-
put level in various spectral bands.
The effective resolution, or "effective number of bits,"
the ADC provides can be measured by transposing the
equation that converts resolution to SNR: N = (SINAD -
1.76)/6.02 (see
Typical Operating Characteristics).
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal (in the frequen-
cy band above DC and below one-half the sample rate)
to the fundamental itself. This is expressed as:
where V1 is the fundamental RMS amplitude, and V2 to
VN are the amplitudes of the 2nd through Nth harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range is the ratio of the funda-
mental RMS amplitude to the amplitude of the next
largest spectral component (in the frequency band
above DC and below one-half the sample rate).
Usually the next largest spectral component occurs at
some harmonic of the input frequency. However, if the
ADC is exceptionally linear, it may occur only at a ran-
dom peak in the ADC's noise floor. See "Signal to Noise
Ratio" plot in
Typical Operating Characteristics.
THD
20 log
(V2
2
V3
2
V4
2
VN
2
)
V1
=
+++
+
L
f
1
tt
t
t
e.g. at T
25 C, V
3.0V :
fmax
1
600ns 800ns
300ns 450ns
f
465kHz
where t
Write pulse width
t
Delay between WR and RD pulses
t
= RD to INT delay
t
= Delay time between conversons.
max
WR
RD
RI
P
ADD
max
WR
RD
RI
P
=
++
+
=+ °
= +
=
++
+
=
=
=
+3V, 8-Bit ADC with 1µA Power-Down
10
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com