Electronic Components Datasheet Search
  English  ▼

X  

MAX1595 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1595
Description  Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1595 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1595 Datasheet HTML 1Page - Maxim Integrated Products MAX1595 Datasheet HTML 2Page - Maxim Integrated Products MAX1595 Datasheet HTML 3Page - Maxim Integrated Products MAX1595 Datasheet HTML 4Page - Maxim Integrated Products MAX1595 Datasheet HTML 5Page - Maxim Integrated Products MAX1595 Datasheet HTML 6Page - Maxim Integrated Products MAX1595 Datasheet HTML 7Page - Maxim Integrated Products MAX1595 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
1
2
3
4
8
7
6
5
OUT
CXP
CXN
PGND
GND
IN
SHDN
AOUT
MAX1595
µMAX
TOP VIEW
OUTPUT
OUT
IN
INPUT
SHDN
GND
CXN
CXP
PGND
AOUT
MAX1595
Regulated 3.3V/5.0V Step-Up/Step-Down
Charge Pump
Maxim Integrated Products
1
Typical Operating Circuit
19-2107; Rev 1; 8/02
General Description
The MAX1595 charge-pump regulator generates either
3.3V or 5V from a 1.8V to 5.5V input. The unique control
architecture allows the regulator to step up or step
down the input voltage to maintain output regulation.
The 1MHz switching frequency, combined with a
unique control scheme, allows the use of a ceramic
capacitor as small as 1µF for 125mA of output current.
The complete regulator requires three external capaci-
tors—no inductor is needed. The MAX1595 is specifi-
cally designed to serve as a high-power, high-
efficiency auxiliary supply in applications that demand
a compact design. The MAX1595 is offered in space-
saving 8-pin µMAX and high-power 12-pin thin QFN
packages.
Applications
White LED Power
Flash Memory Supplies
Battery-Powered Applications
Miniature Equipment
PCMCIA Cards
3.3V to 5V Local Conversion Applications
Backup-Battery Boost Converters
3V to 5V GSM SIMM Cards
Features
o Ultra-Small: Requires Only Three Ceramic
Capacitors
o No Inductors Required
o Up to 125mA Output Current
o Regulated ±3% Output Voltage
o 1MHz Switching Frequency
o 1.8V to 5.5V Input Voltage
o 220µA Quiescent Current
o 0.1µA Shutdown Current
o Load Disconnect in Shutdown
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1595EUA33
-40°C to +85°C
8 µMAX
MAX1595ETC33
-40°C to +85°C
12 Thin QFN
MAX1595EUA50
-40°C to +85°C
8 µMAX
MAX1595ETC50
-40°C to +85°C
12 Thin QFN
Pin Configurations continued at end of data sheet.
Selector Guide
PART
VOUT *
TOP MARK
MAX1595EUA33
3.3V
—
MAX1595ETC33
3.3V
AAAP
MAX1595EUA50
5.0V
—
MAX1595ETC50
5.0V
AAAM
*Contact factory for other fixed-output voltages from 2.7V to 5.0V.
Pin Configurations


Similar Part No. - MAX1595

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595 Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
180Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595ETC33+ MAXIM-MAX1595ETC33+ Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595ETC50+ MAXIM-MAX1595ETC50+ Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595EUA33+ MAXIM-MAX1595EUA33+ Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
More results

Similar Description - MAX1595

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Fairchild Semiconductor
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com