Electronic Components Datasheet Search
  English  ▼

X  

MAX1595 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1595
Description  Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1595 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1595 Datasheet HTML 1Page - Maxim Integrated Products MAX1595 Datasheet HTML 2Page - Maxim Integrated Products MAX1595 Datasheet HTML 3Page - Maxim Integrated Products MAX1595 Datasheet HTML 4Page - Maxim Integrated Products MAX1595 Datasheet HTML 5Page - Maxim Integrated Products MAX1595 Datasheet HTML 6Page - Maxim Integrated Products MAX1595 Datasheet HTML 7Page - Maxim Integrated Products MAX1595 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Regulated 3.3V/5.0V Step-Up/Step-Down
Charge Pump
6
_______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 1370
Table 2. Recommended Capacitor Manufacturers
VALUE (µF)
VOLTAGE (V)
TYPE
SIZE
MANUFACTURER
PART
110
X7R
0805
Taiyo Yuden
LMK212BJ105MG
0.22
10
X7R
0603
Taiyo Yuden
LMK107BJ224MA
0.47
10
X7R
0603
Taiyo Yuden
LMK107BJ474MA
0.1
10
X7R
0603
Taiyo Yuden
LMK107BJ104MA
Table 1. Recommended Capacitor Values
OUTPUT RIPPLE (mV)
CIN (µF)
CX (µF)
COUT (µF)
70
1
0.22
1
35
2.2
0.47
2.2
12
AOUT
11
OUT
10
OUT
9
CXP
8
CXN
7
CXN
4
GND
5
PGND
6
PGND
1
SHDN
2
IN
3
IN
THIN QFN
4mm
× 4mm
TOP VIEW
MAX1595
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com