Electronic Components Datasheet Search
  English  ▼

X  

MAX1607ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1607ESA
Description  USB Current-Limited Switch in Pin-Compatible Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1607ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1607ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
USB Current-Limited Switch
in Pin-Compatible Package
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = +5V, TA = +25°C, unless otherwise noted.)
0
2
4
6
8
10
12
14
16
02
1
3456
QUIESCENT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IOUT = 0
VEN = GND
9
11
10
13
12
15
14
16
-40
0
20
-20
40
60
80
100
QUIESCENT CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VIN = 5V
VIN = 3V
100
0.01
OFF SUPPLY CURRENT
vs. TEMPERATURE
0.1
1
10
TEMPERATURE (°C)
-40
0
-20
20
40
60
80
100
VEN = VIN
0
40
20
80
60
140
120
100
160
-40
0
-20
20
40
60
80
100
TURN-ON TIME vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 425mA
VIN = 3V
VIN = 5V
0
2
1
4
3
6
5
7
-40
0
20
-20
40
60
80
100
TURN-OFF TIME vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 425mA
VIN = 3V
VIN = 5V
0
2
6
4
10
8
12
-40
0
20
-20
40
60
80
100
FAULT-BLANKING TIMEOUT
vs. TEMPERATURE
TEMPERATURE (°C)
IOUT = 850mA
VIN = 3V OR 5V
100
1000
0.01
-40
0
-20
40
100
80
OFF SWITCH CURRENT
vs. TEMPERATURE
0.1
1
10
TEMPERATURE (°C)
20
60
VEN = VIN
-40
0
-20
40
100
80
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
20
60
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
IOUT = 425mA
0
0.4
0.2
0.8
0.6
1.0
1.2
02
3
1
456
NORMALIZED OUTPUT CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
SHORT-CIRCUIT CURRENT
ILIMIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com