Electronic Components Datasheet Search
  English  ▼

X  

MAX1607ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1607ESA
Description  USB Current-Limited Switch in Pin-Compatible Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1607ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1607ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1607ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
USB Current-Limited Switch
in Pin-Compatible Package
_______________________________________________________________________________________
5
CH4
CH3
CH1
CH2
2ms/div
CURRENT-LIMIT AND OC RESPONSE
CH1 = VIN, 200mV/div, AC-COUPLED
CH2 = VOUT, 5V/div
CH3 = VOC, 5V/div
CH4 = IOUT, 500mA/div
CH4
10
µs/div
CH3
CH1
CH2
CURRENT-LIMIT RESPONSE
CH1 = VIN, 200mV/div, AC-COUPLED
CH2 = VOUT, 5V/div
CH3 = VOC, 5V/div
CH4 = IOUT, 1A/div
CH4
CH3
CH2
CH1
SWITCH TURN-ON TIME
20
µs/div
CH1 = VOUT, 5V/div
CH2 = VEN, 5V/div
CH3 = VOC, 5V/div
CH4 = IOUT, 200mA/div
CH4
CH3
CH2
CH1
SWITCH TURN-OFF TIME
1
µs/div
CH1 = VOUT, 5V/div
CH2 = VEN, 5V/div
CH3 = VOC, 5V/div
CH4 = IOUT, 200mA/div
START-UP TIME
(TYPICAL USB APPLICATION)
VIN = 5V, RL = 15Ω, CL = 150µF
CH1 = VOUT, 5V/div
CH2 = VEN, 5V/div
CH3 = IIN, 500mA/div
CH4 = VOC, 5V/div
1ms/div
CH2
CH3
CH4
CH1
FULL CURRENT LIMIT CHARGES CAPACITOR
RESISTOR LOAD CURRENT
SHORT-CIRCUIT
CURRENT LIMIT
Typical Operating Characteristics (continued)
(VIN = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com