Electronic Components Datasheet Search
  English  ▼

X  

MAX1608EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1608EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1608/MAX1609 provide remote input/output (I/O)
expansion through an SMBus™ 2-wire serial interface.
Each device has eight high-voltage open-drain outputs
that double as TTL-level logic inputs, providing continuous
bidirectional capabilities. The open-drain outputs tailor the
MAX1608/MAX1609 for use in load-switching and other
level-shifting applications as well as general-purpose I/O
applications.
Two complete sets of registers allow the device and its
outputs to be toggled between two states using the
SMBSUS input, without the inherent latency of reprogram-
ming outputs over the serial bus. The eight I/O lines are
continuously monitored and can be used as inputs. Each
line can generate asynchronous maskable interrupts on
the falling edge, the rising edge, or both edges.
For load-switching applications, the MAX1608 is designed
to drive N-channel MOSFETs, and its outputs are low
upon power-up; the MAX1609 is designed to drive P-
channel MOSFETs, and its I/Os are high impedance upon
power-up. Other features of both devices include thermal-
overload and output-overcurrent protection, ultra-low sup-
ply current, and a wide +2.7V to +5.5V supply range. The
MAX1608/MAX1609 are available in space-saving 16-pin
QSOP packages.
Applications
Parallel I/O Expansion
Power-Plane Switching
Notebook and Desktop Computers
Servers and Workstations
Notebook Docking Stations
Industrial Equipment
Features
o Serial-to-Parallel or Parallel-to-Serial Conversions
o 8 General-Purpose Digital I/O Pins
(withstand +28V)
o SMBus 2-Wire Serial Interface
o Supports SMBSUS Asynchronous Suspend
o 9 Pin-Selectable Slave Addresses
o Outputs High Impedance on Power-Up (MAX1609)
o Outputs Low on Power-Up (MAX1608)
o 2.5µA Supply Current
o +2.7V to +5.5V Supply Range
o 16-Pin QSOP Package
Octal SMBus-to-Parallel I/O Expanders
________________________________________________________________ Maxim Integrated Products
1
19-1639; Rev 0; 1/00
PART
MAX1608EEE
MAX1609EEE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
Ordering Information
Typical Operating Circuits
MAX1609
IO1
SMBUS
TO/
FROM
HOST
+2.7V TO +5.5V
V+
IO3
IO2
GND
LOAD1
LOAD2
LOAD3
ALERT
0.1
µF
P-CH
100k
100k
100k
SMBCLK
SMBDATA
SMBSUS
ADD
IO7
ADD1
Typical Operating Circuits continued at end of data sheet.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IO0
V+
SMBSUS
SMBCLK
ALERT
SMBDATA
ADD1
ADD0
GND
TOP VIEW
MAX1608
MAX1609
QSOP
IO1
IO2
IO5
IO3
IO4
IO6
IO7
Pin Configuration
SMBus is a trademark of Intel Corp.
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX1608EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608EEE MAXIM-MAX1608EEE Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
More results

Similar Description - MAX1608EEE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
SMBus I/O port with interrupt
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
SMBus low power I/O port
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
SMBus I/O port with Interrupt
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
SMBus I/O port with reset
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com