Electronic Components Datasheet Search
  English  ▼

X  

NCSW170B Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NCSW170B
Description  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW170B Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NCSW170B Datasheet HTML 1Page - NICHIA CORPORATION NCSW170B Datasheet HTML 2Page - NICHIA CORPORATION NCSW170B Datasheet HTML 3Page - NICHIA CORPORATION NCSW170B Datasheet HTML 4Page - NICHIA CORPORATION NCSW170B Datasheet HTML 5Page - NICHIA CORPORATION NCSW170B Datasheet HTML 6Page - NICHIA CORPORATION NCSW170B Datasheet HTML 7Page - NICHIA CORPORATION NCSW170B Datasheet HTML 8Page - NICHIA CORPORATION NCSW170B Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NICHIA STS-DA1-2948C <Cat.No.150227>
4
OUTLINE DIMENSIONS
STS-DA7-5259A
NCSW170B
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.1)
KA
保護素子
Protection Device
Dimensions do not include mold flash.
バリは寸法に含まないものとします。
*
1.23
Cathode
Anode
0.3
(1.15)
1.45
(0.15)
項目
Item
パッケージ材質
Package Materials
蛍光体板材質
Phosphor sheet
Materials
電極材質
Electrodes Materials
内容
Description
セラミックス
Ceramics
硬質ガラス(蛍光体入り)
Hard Glass (with phosphor)
金メッキ
Au-plated
封止樹脂材質
Encapsulating Resin
Materials
シリコーン樹脂
Silicone Resin
質量
Weight
0.0057g(TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com