Electronic Components Datasheet Search
  English  ▼

X  

NCSW170B Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NCSW170B
Description  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW170B Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NCSW170B Datasheet HTML 2Page - NICHIA CORPORATION NCSW170B Datasheet HTML 3Page - NICHIA CORPORATION NCSW170B Datasheet HTML 4Page - NICHIA CORPORATION NCSW170B Datasheet HTML 5Page - NICHIA CORPORATION NCSW170B Datasheet HTML 6Page - NICHIA CORPORATION NCSW170B Datasheet HTML 7Page - NICHIA CORPORATION NCSW170B Datasheet HTML 8Page - NICHIA CORPORATION NCSW170B Datasheet HTML 9Page - NICHIA CORPORATION NCSW170B Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NICHIA STS-DA1-2948C <Cat.No.150227>
5
SOLDERING
• Reflow Soldering Condition(Lead-free Solder)
● Recommended Soldering Pad Pattern
● Recommended Metal Solder Stencil Aperture
(単位 Unit: mm)
R0.075
0.43
1.21
0.3
1.34
R0.075
* This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered,
Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice.
* The reflow profile should be determined based on the recommended soldering conditions for the solder paste that is used.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
* This product uses glass on the emitting surface; if excessive force is applied, it may cause the glass to be damaged,
chipped and/or deformed. If the glass is damaged, chipped and/or deformed, then the internal wires may be damaged
and the reliability may decrease.
Recommended conditions:
Using a nozzle designed for the LEDs is recommended. (See the nozzle drawing below)
Nozzle contact area:
The center of the phosphor sheet. (See the second figure from the right)
(単位 Unit: mm)
1.2
0.4
2.2
R0.1
If the nozzle is off-center and makes contact with the edges of the phosphor sheet,
it may cause the glass to be chipped and/or damaged. One example of this is shown in the first figure from the right.
Placement pressure ≤3.5N/mm² * max. force: 5N
Vacuum pressure ≤8N/cm²(≤0.8kgf/cm²)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com