Electronic Components Datasheet Search
  English  ▼

X  

NSPR336CS Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part # NSPR336CS
Description  rohs compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR336CS Datasheet(HTML) 14 Page - NICHIA CORPORATION

Back Button NSPR336CS Datasheet HTML 8Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 9Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 10Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 11Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 12Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 13Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 14Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 15Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 16Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
NICHIA STS-DA1-3425 <Cat.No.141225>
13
CAUTIONS
(1) Lead Forming
● When forming leads, the leads should be bent at a point at lease 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
● Lead forming should be done before soldering.
● Do not apply any bending stress to the base of the lead.
The stress to the base may damage the LED's characteristics or it may break the LEDs.
● When mounting the product onto a printed circuit board, the via-holes on the board should be exactly aligned
with the lead pitch of the product. If the LEDs are mounted with stress at the leads, it causes deterioration of the epoxy resin
and this will degrade the LEDs.
(2) Storage
● Shelf life of the products in unopened bag is 3 months(max.) at <30°C and 70% RH from the delivery date.
If the shelf life exceeds 3 months or more, the LEDs need to be stored in a sealed container
with silica gel desiccants to ensure their shelf life will not exceed 1 year.
● When the lead is exposed to a corrosive environment, the plated surface may tarnish which may result in a reduction
in the solderability. There is a portion of the lead under the bottom surface of the resin that is not solder-plated, this surface
may also tarnish.
● To avoid condensation, the products must not be stored in the areas where temperature and humidity fluctuate greatly.
● Do not store the LEDs in a dusty environment.
● Do not expose the LEDs to direct sunlight and/or an environment where the temperature is higher than
normal room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com