Electronic Components Datasheet Search
  English  ▼

X  

MAX1705EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1705EEE
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1705EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1705EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
14
______________________________________________________________________________________
The low-battery comparator can also be used to moni-
tor the output voltage, as shown in Figure 5.
To set the low-battery threshold to a voltage below the
1.25V reference, insert a resistor divider between REF
and LBN, and connect the battery to the LBP input
through a 10k
Ω current-limiting resistor (Figure 6). The
equation for setting the resistors for the low-battery
threshold is then as follows:
Alternatively, the low-battery comparator can be used
to check the output voltage or to control the load direct-
ly on POUT during start-up (Figure 7). Use the following
equation to set the resistor values:
where VOUT,TH is the desired output voltage trip point
and VLBP is connected to the reference or 1.25V.
Reference
The MAX1705/MAX1706 have an internal 1.250V, 1%
bandgap reference. Connect a 0.33µF bypass capaci-
tor to GND within 0.2in. (5mm) of the REF pin. REF can
source up to 50µA of external load current.
_________________ Design Procedure
Setting the Output Voltages
Set the step-up converter output voltage between 2.5V
and 5.5V by connecting a resistor voltage-divider to FB
from OUT to GND, as shown in Figure 8. The resistor
values are then as follows:
where VFB, the step-up regulator feedback setpoint, is
1.233V. Since the input bias current into FB is less than
50nA, R2 can have a large value (such as 270k
Ω or
less) without sacrificing accuracy. Connect the resistor
voltage-divider as close to the IC as possible, within
0.2in. (5mm) of the FB pin.
Alternatively, set the step-up converter output to track
the linear regulator by 300mV. To accomplish this, set
TRACK to OUT.
R
R
V
V
POUT
FB
1
2
=


- 1
R
R
V
V
OUT TH
LBP
5
6
,
=


- 1
R
R
V
V
REF
IN TH
5
6
,
=
- 1
MAX1705
MAX1706
LBO
REF
LBN
POUT
GND
R5
R6
0.33
µF
LDO
LBP
MAX1705
MAX1706
LBN
LBO
LBP
POUT
REF
GND
R5
R6
BATTERY
VOLTAGE
R8
10k
0.33
µF
270k
MAX1705
MAX1706
LBP
LBO
LBN
0.33
µF
OUT
POUT
REF
GND
R5
R6
P
C3
0.1
µF
C4
C5
STEP-UP OUTPUT
Figure 5. Using the Low-Battery Comparator to Sense
the Output Voltage
Figure 6. Detecting Battery Voltages Below 1.25V
Figure 7. Using the Low-Battery Comparator for Load Control
During Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com