Electronic Components Datasheet Search
  English  ▼

X  

MAX1705EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1705EEE
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1705EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1705EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1705EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
______________________________________________________________________________________
17
Implementing Soft-Start
To implement soft-start, set CLK/SEL low on power-up;
this forces PFM operation and reduces the peak switch-
ing current to 435mA. Once the circuit is in regulation,
CLK/SEL can be set high for full-power operation.
Adding a Manual Power Reset
A momentary pushbutton switch can be used to turn
the MAX1705/MAX1706 on and off (Figure 10). ONA is
pulled low and ONB is pulled high to turn the part off.
When the momentary switch is pressed, ONB is pulled
low and the regulator turns on. The switch must be
pressed long enough for the microcontroller (µC) to exit
reset (200ms) and drive ONA high. A small capacitor is
added to help debounce the switch. The µC issues a
logic high to ONA, which holds the part on regardless
of the switch state. To turn the regulator off, press the
switch again, allowing the µC to read the switch status
and pull ONA low. When the switch is released, ONB is
pulled high.
___________________Chip Information
TRANSISTOR COUNT: 1649
SUBSTRATE CONNECTED TO GND
MAX1705
2 NiCd/NiMH
2.4
3.3
730
2 NiCd/NiMH
2.4
5.0
500
3 NiCd/NiMH or 1 Li-Ion
3.6
5.0
850
MAX1706
450
350
550
Table 5. Typical Available Output Current
µC
VDD
I/O
MAX1705
MAX1706
ONA
ONB
OUT
I/O
0.1
µF
ON/OFF
270k
270k
Figure 10. Momentary Pushbutton On/Off Switch
MAX1705
MAX1706
PA
RF
LX
POUT
GND
LDO
CONTROL
INPUTS
µC
I/O
Figure 9. Typical Phone Application
1 NiCd/NiMH
1.2
3.3
300
200
NUMBER OF CELLS
INPUT VOLTAGE
(V)
STEP-UP OUTPUT VOLTAGE:
(PA POWER SUPPLY)
(V)
TOTAL OUTPUT CURRENT
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com