Electronic Components Datasheet Search
  English  ▼

X  

ARM2800T Datasheet(PDF) 5 Page - International Rectifier

Part # ARM2800T
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2800T Datasheet(HTML) 5 Page - International Rectifier

  ARM2800T Datasheet HTML 1Page - International Rectifier ARM2800T Datasheet HTML 2Page - International Rectifier ARM2800T Datasheet HTML 3Page - International Rectifier ARM2800T Datasheet HTML 4Page - International Rectifier ARM2800T Datasheet HTML 5Page - International Rectifier ARM2800T Datasheet HTML 6Page - International Rectifier ARM2800T Datasheet HTML 7Page - International Rectifier ARM2800T Datasheet HTML 8Page - International Rectifier ARM2800T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.irf.com
5
ARM28XXT Series
Radiation Performance
The radiation tolerance characteristics inherent in the
ARM28XXT converter are based on the results of the
ground-up design effort on the ART2800T program and
started with specific radiation design goals. By imposing
sufficiently large margins on those electrical parameters
subject to the degrading effects of radiation, appropriate
elements were
selected for incorporation into the
ART2800T circuit. Known radiation data was utilized for
input to PSPICE and RadSPICE in the generation of circuit
performance verification analyses. Thus, electrical
performance capability under all environmental conditions
including radiation was well understood before first
application of power to the inputs.
The following table specifies guaranteed minimum radiation
exposure levels tolerated while maintaining specification limits.
Radiation Specification T
case
= 25°C
The principal ART2800T design goal was a converter
topology, which because of large design margins, had
radiation performance essentially independent of wafer-lot
radiation performance variations. Radiation tests on
random ART2800T manufacturing lots provide continued
confirmation of the soundness of the design goals as well
as justification for the element selection criteria.
To achieve the radiation levels specified for the ARM28XXT,
the ART2800T topology is utilized as the basis but lot
assurance testing is utilized as part of the screening
process to assure the specified level. Each ARM28XXT
converter is delivered with lot test data at the hybrid level
supporting the minimum TID specification. Other radiation
specifications are assured by design and generic data are
available on request.
Test
Conditions
Min
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
1,000
KRads
(Si)
Dose Rate
Temporary Saturation
Survival
MIL-STD-883, Method 1021
1E8
1E11
Rads
(Si)/sec
Neutron Fluence
MIL-STD-883, Method 1017.2
3E12
Neutron
/cm²
Heavy Ions
(Single event effects)
BNL Tandem Van de Graaff Generator
83
MeV•
cm²/mg
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
Standard Quality Conformance Inspections on ARM28XXT Series (Flight Screened)
* Group B quantity for Option 2 End of Line QCI. No Group B samples reuired for Option 1, In-line.
Inspection
Application
Samples
Group A
Part of Screening on Each Unit
100%
Group B
Each Inspection Lot
* 5 units
Group C
First Inspection Lot or
Following Class 1 Change
10 units
Group D
In Line (Part of Element Evaluation)
3 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com