Electronic Components Datasheet Search
  English  ▼

X  

ARM2800T Datasheet(PDF) 11 Page - International Rectifier

Part # ARM2800T
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2800T Datasheet(HTML) 11 Page - International Rectifier

Back Button ARM2800T Datasheet HTML 5Page - International Rectifier ARM2800T Datasheet HTML 6Page - International Rectifier ARM2800T Datasheet HTML 7Page - International Rectifier ARM2800T Datasheet HTML 8Page - International Rectifier ARM2800T Datasheet HTML 9Page - International Rectifier ARM2800T Datasheet HTML 10Page - International Rectifier ARM2800T Datasheet HTML 11Page - International Rectifier ARM2800T Datasheet HTML 12Page - International Rectifier ARM2800T Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.irf.com
11
ARM28XXT Series
Figure IX.
±15 V Regulation Curves
For Three conditions of Load on the 5 Volt Output.
Performance Characteristics (Typical @ 25°C) (Continued)
Figure X.
Cross Regulation Curves
5 Volt Output as a function of 15 Volt Load Current for Three 5 Volt Loads.
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
0
0.1
0.2
0.3
0.4
0.5
0.6
±15 Volt Load Current
5V Load = 150mA
5V Load = 1.5A
5V Load = 3.0A
14.0
15.0
16.0
17.0
0
0.1
0.20.3
0.40.5
0.60.7
0.8
Output Current (Each Output)
5V Load = 3.0A
5V Load = 1.5A
5V Load = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com