Electronic Components Datasheet Search
  English  ▼

X  

AUIPS2041 Datasheet(PDF) 2 Page - International Rectifier

Part # AUIPS2041
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2041 Datasheet(HTML) 2 Page - International Rectifier

  AUIPS2041 Datasheet HTML 1Page - International Rectifier AUIPS2041 Datasheet HTML 2Page - International Rectifier AUIPS2041 Datasheet HTML 3Page - International Rectifier AUIPS2041 Datasheet HTML 4Page - International Rectifier AUIPS2041 Datasheet HTML 5Page - International Rectifier AUIPS2041 Datasheet HTML 6Page - International Rectifier AUIPS2041 Datasheet HTML 7Page - International Rectifier AUIPS2041 Datasheet HTML 8Page - International Rectifier AUIPS2041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
2
Qualification Information
†
Qualification Level
Automotive
(per AEC-Q100
††
)
Comments: This family of ICs has passed an Automotive qualification.
IR’s
Industrial and Consumer qualification level is granted by extension of the higher
Automotive level.
Moisture Sensitivity Level
DPAK-3L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
SOT223-3L
MSL2, 260°C
†††
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M4 (+/-450V)
(per AEC-Q100-003)
Human Body Model
Class H3A (+/4500V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (+/-900V)
(per AEC-Q100-011)
IC Latch-Up Test
ClassII, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Exceptions to AEC-Q100 requirements are noted in the qualification report.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com