Electronic Components Datasheet Search
  English  ▼

X  

AUIPS2041 Datasheet(PDF) 7 Page - International Rectifier

Part # AUIPS2041
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2041 Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIPS2041 Datasheet HTML 3Page - International Rectifier AUIPS2041 Datasheet HTML 4Page - International Rectifier AUIPS2041 Datasheet HTML 5Page - International Rectifier AUIPS2041 Datasheet HTML 6Page - International Rectifier AUIPS2041 Datasheet HTML 7Page - International Rectifier AUIPS2041 Datasheet HTML 8Page - International Rectifier AUIPS2041 Datasheet HTML 9Page - International Rectifier AUIPS2041 Datasheet HTML 10Page - International Rectifier AUIPS2041 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
7
0%
50%
100%
150%
200%
0
1
2
3
4
5
6
Figure 5
– Normalized Rdson (%) Vs Input voltage (V)
Vin, input voltage (V)
50%
100%
150%
200%
-50
0
50
100
150
Tj, junction temperature (°C)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
I limit
I shutdown
Figure 7
– Current limitation and current shutdown
Vs Input voltage (V)
Vin, input voltage (V)
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
Figure 8
– Over temperature shutdown (°C)
Vs input voltage (V)
Vin, input voltage (V)
Figure 6 - Normalized Rds(on) (%) Vs Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com