Electronic Components Datasheet Search
  English  ▼

X  

APM-40 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # APM-40
Description  CE Marking with EMC and LVD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

APM-40 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  APM-40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APM-40 SERIES
AC/DC Power Module 40W, Industrial & Medical Safety
Minmax Technology Co., Ltd.
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2015/05/22 REV:2 Page 5 of 5
DIN-Rail Mounting Bracket (Order code for Kit : AC-DIN-02)
Order Code Table
PCB Mounting
Chassis Mounting
With DIN Rail Mounting by two Order Code
APM-40S05
APM-40S05C
APM-40S05C
AC-DIN-02
APM-40S12
APM-40S12C
APM-40S12C
AC-DIN-02
APM-40S15
APM-40S15C
APM-40S15C
AC-DIN-02
APM-40S24
APM-40S24C
APM-40S24C
AC-DIN-02
APM-40D12
APM-40D12C
APM-40D12C
AC-DIN-02
APM-40D15
APM-40D15C
APM-40D15C
AC-DIN-02
APM-40S05
APM-40S05C
APM-40S05C
AC-DIN-02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com