Electronic Components Datasheet Search
  English  ▼

X  

APM-40 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # APM-40
Description  CE Marking with EMC and LVD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

APM-40 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  APM-40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APM-40 SERIES
AC/DC Power Module 40W, Industrial & Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 4 of 5
Package Specifications Chassis Mounting (order code suffix C)
Mechanical Dimensions
Connections
Pin
Single Output
Dual Output
1
AC (N)
AC (N)
2
AC (L)
AC (L)
3
+Vout
+Vout
4
NC
NC
5
-Vout
Common
6
NC
NC
7
NC
-Vout
NC: No Connection
►
All dimensions in mm (inches)
►
Tolerance: ±0.5 (±0.02)
Physical Characteristics
Case Size
:
112.0x63.8x34.1mm (4.41x2.51x1.34 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Weight
:
320g
Package Specifications with DIN Rail Mounting Bracket
Mechanical Dimensions
Physical Characteristics
Case Size
:
112.0x63.8x34.1mm (4.41x2.51x1.34 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Weight
:
374g
92.0 [3.62]
100.0 [3.94]
112.0 [4.41]
4 x 3.5
Top view
1
2
3
4
5
6
7
10.0 [0.39]
POWER "GOOD" INDICATOR
Indication LED
DC-
ON
92.0 [3.62]
100.0 [3.94]
112.0 [4.41]
4 x
3.5
Top view
1
2
3
4
5
6
7
10.0 [0.39]
POWER "GOOD" INDICATOR
Indication LED
DC-
ON



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com