Electronic Components Datasheet Search
  English  ▼

X  

MIWI03 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIWI03
Description  fully regulated output voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIWI03 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIWI03 SERIES
DC/DC CONVERTER 3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 1 of 4
®
FEATURES
►Industrial Standard DIP-24 Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500 VDC (opt. 3000VDC)
►Operating Temp. Range -40°C to +85°C
►No Min. Load Requirement
►Overload and Short Circuit Protection
►Conducted EMI meets EN55022 Class A & FCC Level A
►UL/cUL/IEC/EN 60950-1 Safety Approval & CE-Marking
PRODUCT OVERVIEW
The MINMAX MIWI03 series is a range of high performance 3W dc-dc converter modules, designed as a cost optimized replacement for the highly popular
MIW2300 series.The converter features ultrawide 4:1 input ranges and tight output voltage regulation.Excellent efficiency allows an operating temperature
up to +70°C at full load.The product comes in a DIP-24 plastic package with industry standard footprint.
Typical applications for these economical priced dc-dc converters are industrial electronics,instrumentation or communication equipment.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output
Current
Input Current
Reflected
Ripple
Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
μF
%
MIWI03-24S033
24
(9 ~ 36)
3.3
750
134
30
15
680
77
MIWI03-24S05
5
600
158
470
79
MIWI03-24S12
12
250
152
330
82
MIWI03-24S15
15
200
151
220
83
MIWI03-24S24
24
125
154
100
81
MIWI03-24D05
±5
±250
130
220#
80
MIWI03-24D12
±12
±125
152
150#
82
MIWI03-24D15
±15
±100
152
100#
82
MIWI03-48S033
48
(18 ~ 75)
3.3
750
67
20
10
680
77
MIWI03-48S05
5
600
78
470
80
MIWI03-48S12
12
250
75
330
83
MIWI03-48S15
15
200
74
220
84
MIWI03-48S24
24
125
76
100
82
MIWI03-48D05
±5
±250
65
220#
80
MIWI03-48D12
±12
±125
76
150#
82
MIWI03-48D15
±15
±100
76
100#
82
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
VDC
48V Input Models
-0.7
---
100
Start-up Threshold Voltage
24V Input Models
---
---
9
48V Input Models
---
---
18
Under Voltage Shutdown
24V Input Models
---
---
8.5
48V Input Models
---
---
17.5
Short Circuit Input Power
All Models
---
---
2000
mW
Input Filter
Internal Pi Type


Similar Part No. - MIWI03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Total Power Internation...
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIWI06-24D05 MINMAX-MIWI06-24D05 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Total Power Internation...
MIWI06-24D05 TOTAL-POWER-MIWI06-24D05 Datasheet
472Kb / 4P
DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIWI06-24D12 MINMAX-MIWI06-24D12 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results

Similar Description - MIWI03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
fully regulated output voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
fully regulated output voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com