Electronic Components Datasheet Search
  English  ▼

X  

MIWI03 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIWI03
Description  fully regulated output voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIWI03 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIWI03 SERIES
DC/DC CONVERTER 3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 3 of 4
®
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor: 200μF/100V
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
12.8g
Order Code Table
Standard
3KVDC isolation
MIWI03-24S033
MIWI03-24S033H
MIWI03-24S05
MIWI03-24S05H
MIWI03-24S12
MIWI03-24S12H
MIWI03-24S15
MIWI03-24S15H
MIWI03-24S24
MIWI03-24S24H
MIWI03-24D05
MIWI03-24D05H
MIWI03-24D12
MIWI03-24D12H
MIWI03-24D15
MIWI03-24D15H
MIWI03-48S033
MIWI03-48S033H
MIWI03-48S05
MIWI03-48S05H
MIWI03-48S12
MIWI03-48S12H
MIWI03-48S15
MIWI03-48S15H
MIWI03-48S24
MIWI03-48S24H
MIWI03-48D05
MIWI03-48D05H
MIWI03-48D12
MIWI03-48D12H
MIWI03-48D15
MIWI03-48D15H
Bottom View
2
23
15.24 [0.60]
31.8[1.25]
5.08
[0.20]
22
3
11
9
16
14
4.5
[0.18]
2.54
[0.10]
0.50 [0.02]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com