Electronic Components Datasheet Search
  English  ▼

X  

MAX1775EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1775EEE
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1775EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
______________________________________________________________________________________
13
Design Procedure
Low-Voltage Configuration
To improve efficiency and conserve board space, the
core regulator operates from low input voltages, taking
advantage of internal low-voltage, low-on-resistance
MOSFETs. When the input voltage remains below 5.5V,
run the core converter directly from the input by con-
necting INC to IN (Figure 1). This configuration takes
advantage of the core’s low-voltage design and
improves efficiency.
High-Voltage Configuration
For input voltages greater than 5.5V, cascade the main
and core converters by connecting INC to the main out-
put voltage. In this configuration (Figure 4), the core
converter is powered from the main output. Ensure that
the main output can simultaneously supply its load and
the core input current. In this configuration, the main
output voltage must be set above the 2.6V minimum
input voltage of the core converter.
Setting the Output Voltages
The main output voltage may be set from +2.6V and
+5.5V with two external resistors connected as a volt-
age-divider to FBM (Figure 1). Resistor values can be
calculated by the following equation:
R2 = R3 ✕ [(VOUTM / VFBM) - 1]
where VFBM = +1.25V. Choose R3 to be 40k
Ω or less.
The core regulator output is adjustable from +1.0V to
+5.0V through two external resistors connected as a
voltage-divider to FBC (Figure 1). Resistor values can
be calculated through the following equation:
R4 = R5 ✕ [(VOUTC / VFBC) - 1]
where VFBC = +1.0V. Choose R5 to be 30k
Ω or less.
Setting the Current Limit
The main regulator current limit is set externally through
a small current-sense resistor, R1 (Figure 1). The value
of R1 can be calculated by the following equation:
where VCLM = 80mV is the current-sense threshold,
and IOUT is the current delivered to the output. The
core converter current limit is set internally and cannot
be modified.
R
V
I
CLM
OUT
1
13
= ()
.
SHDNM
IN
IN 2.7V TO 28V
CVH
M1
M2
C4
47
µF
R1
33m
Ω
R2
R3
R4
R5
CORE
1.8V
1.5A
SHDNC
ON
ON
OFF
OFF
NDRV
CS+
CS-
INC
FBM
LXC
FBC
CVL
REF
PGND
GND
PDRV
C5
22
µF
MAIN
3.3V
2A
C2
1
µF
C3
0.22
µF
LC
5.4
µH
C1
1
µF
C6
10
µF
6
1
2
5
9
3
14
13
16
10
15
12
11
4
7
8
LM
10
µH
MAX1775
Figure 4. High Input Voltage Cascaded Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com