Electronic Components Datasheet Search
  English  ▼

X  

MAX1775EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1775EEE
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1775EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V, VMAIN = VINC = VCS- = VCS+ = +3.3V, VCORE = +1.8V, Circuit of Figure 4, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CORE REGULATOR
Input Voltage Range
VINC
2.6
5.5
V
VINC rising
2.40
2.47
2.55
INC Undervoltage Lockout
VINC falling
2.30
2.37
2.45
V
Core Output Voltage Adjust
Range
1.0
5.0
V
Maximum Core Load Current
(Note 1)
1
1.5
A
FBC Regulation Threshold
VFBC
VINC = +2.5 to +5.5V, IOUTC = 0 to 200mA
0.97
1.0
1.03
V
FBC Input Current
IFBC
VFBC = +1.3V
-0.1
0.1
µA
Dropout Voltage (INC to LXC)
IOUTC = 400mA
0.1
0.25
V
LXC Leakage Current
ILXC
VINC = +5.5V, VLXC = 0 to +5.5V
-10
10
µA
LXC P-Channel, N-Channel
On-Resistance
0.25
0.5
Ω
LXC P-Channel Current Limit
ICLC
1200
1800
3000
mA
LXC P-Channel Minimum
Current
100
200
400
mA
LXC N-Channel Valley Current
900
1400
2400
mA
LXC N-Channel Zero-Crossing
Current
40
110
170
mA
LXC Dead Time
50
ns
Maximum Duty Cycle
100
%
Minimum On-Time
170
400
670
ns
Minimum Off-Time
170
400
670
ns
REFERENCE
Reference Voltage
VREF
1.23
1.25
1.27
V
Reference Load Regulation
IREF = 0 to 50µA
10
mV
Reference Line Regulation
VCS- = +2.5V to +5.5V, IREF = 50µA
5
mV
Reference Sink Current
IREF
10
µA
CVL, CVH REGULATORS
ICVL = 50mA, VIN = +2.7V, VCS- = 0
2.6
2.8
3.1
CVL Output Voltage
VCVL
ICVL = 50mA, VCS- = +3.3V
3.2
V
CVL Switchover Threshold
VCS- rising, hysteresis = 100mV (typ)
2.40
2.47
2.55
V
VIN = +4V, ICVH = 25mA
VIN - 3.4 VIN - 2.8
CVH Output Voltage
VCVH
VIN = +12V, ICVH = 50mA
VIN - 4.3 VIN - 3.7
V
CVH Switchover Threshold
VIN
VIN rising, hysteresis = 350mV (typ)
5.5
V
VCVL rising
2.40
2.47
2.55
CVL Undervoltage Lockout
VCVL falling
2.30
2.37
2.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com