Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7221R Datasheet(PDF) 8 Page - International Rectifier

Part # AUIPS7221R
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7221R Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIPS7221R Datasheet HTML 4Page - International Rectifier AUIPS7221R Datasheet HTML 5Page - International Rectifier AUIPS7221R Datasheet HTML 6Page - International Rectifier AUIPS7221R Datasheet HTML 7Page - International Rectifier AUIPS7221R Datasheet HTML 8Page - International Rectifier AUIPS7221R Datasheet HTML 9Page - International Rectifier AUIPS7221R Datasheet HTML 10Page - International Rectifier AUIPS7221R Datasheet HTML 11Page - International Rectifier AUIPS7221R Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AUIPS7221R
www.irf.com
8
50%
100%
150%
200%
-50
0
50
100
150
Figure 5 - Normalized Rds(on) (%) Vs Tj (°C)
Tj, junction temperature (°C)
0
10
20
30
40
- 5 0
0
50
10 0
15 0
Tj, junction temperature (°C)
Figure 6
– Isd (A) Vs Tj (°C)
Tj, junction temperature (°C)
Figure 7
– tr / tf (µs) Vs Tj (°C)
0.0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
tr
tf
Tj, junction temperature (°C)
Figure 8
– tdon / tdoff (µs) Vs Tj (°C)
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
150
tdon
tdoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com